Electronic Components Datasheet Search
  English  ▼

X  

KBJ4005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBJ4005
Description  Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBJ4005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBJ4005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBJ4005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KBJ4005 ~ KBJ410
Voltage 50V ~ 1000V
4.0Amp Glass Passivated Bridge Rectifiers
25-Jun-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Io : 4A
VRRM : 50~1000V
Glass passivated chip
High surge forward current capability
APPLICATIONS
General purpose 1 phase Bridge
rectifier applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
KBJ
4005
KBJ
401
KBJ
402
KBJ
404
KBJ
406
KBJ
408
KBJ
410
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
With heatsink
TC =108°C
4
Average Rectified Output
Current @ 60Hz sine
wave, R-load
Without heatsink
TA =25°C
IO
2.3
A
Surge (Nonrepetitive) Forward Current @
60HZ sine wave, 1 cycle, TJ=25°C
IFSM
120
A
Current Squared Time
1
I
2t
60
A
2S
Dielectric Strength@ Terminals to case
,AC 1
minute
VDIS
2
KV
Mounting Torque@ Recommend torque
:
5kg.cm
Tor
8
Kg.cm
Peak Forward Voltage@ IFM=2A, Pulse
measurement, Rating of per diode
VFM
1.05
V
Peak Reverse Current@ VRM=VRRM , Pulse
measurement, Rating of per diode
IRRM
10
µA
Without heatsink
RθJA
30
Thermal Resistance
With heatsink
RθJC
5.5
°C / W
Junction and Storage temperature range
TJ,TSTG
-55~+150
°C
Notes:
1.
1ms≤t<8.3ms TJ=25°C
,Rating of per diode
4KBJ
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.7
2.1
D
17.0
18.0
M
2.0 TYP.
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.5
10.1
H
3.2
3.4
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - KBJ4005

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Kwang Myoung I.S. CO.,L...
KBJ4005 KISEMICONDUCTOR-KBJ4005 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBJ4005 YFWDIODE-KBJ4005 Datasheet
198Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
KBJ4005 DGNJDZ-KBJ4005 Datasheet
194Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ4005 CHONGQING-KBJ4005 Datasheet
212Kb / 2P
SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ4005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU8A SECOS-KBU8A Datasheet
97Kb / 2P
VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
D4KB05 SECOS-D4KB05 Datasheet
942Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBU4005 SECOS-GBU4005 Datasheet
248Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com