Electronic Components Datasheet Search
  English  ▼

X  

SRL3150 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SRL3150
Description  150 V 3.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SRL3150 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SRL3150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SRL3150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SRL3150
150 V 3.0 Amp
Low VF Trench MOS Barrier Schottky Rectifier
15-Mar-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High current capability
High surge current capability
Low reverse current
MECHANICAL DATA
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRSM
105
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current
IF
3.0
A
Maximum Instantaneous Forward Voltage @IF=3A
VF
0.79
V
TA=25°C
0.2
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=100°C
IR
50
mA
Peak Forward Surge Current, @8.3ms single half-wave
Superimposed on rated load (JEDEC method)
IFSM
80
A
Typical Junction Capacitance
1
CJ
280
PF
Typical Thermal Resistance
RθJC
20
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-50~150
°C
Note:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
A
C
B
A
D
DO-27(DO-201)
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
4.80
5.60
D
1.10
1.32


Similar Part No. - SRL3150

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL3100 RECTRON-SRL3100 Datasheet
265Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes
2021-06 REV:A
SRL3100P RECTRON-SRL3100P Datasheet
187Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL3150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL20U100 SECOS-SBL20U100 Datasheet
154Kb / 2P
Voltage 100V 20.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SBL20U120 SECOS-SBL20U120 Datasheet
150Kb / 2P
Voltage 102V 20.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SBL30U100F SECOS-SBL30U100F Datasheet
164Kb / 2P
Voltage 100V 30.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100 Datasheet
115Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100_15 Datasheet
115Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
5V45A-SMA YFWDIODE-5V45A-SMA Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
5V45A-SMAF YFWDIODE-5V45A-SMAF Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
5V45A-SMA-SMAF YFWDIODE-5V45A-SMA-SMAF Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier, Low VF
logo
SeCoS Halbleitertechnol...
SMPD5150L SECOS-SMPD5150L Datasheet
133Kb / 2P
150 V 5.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SK5100C SECOS-SK5100C Datasheet
199Kb / 2P
Low VF Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com