Electronic Components Datasheet Search
  English  ▼

X  

LP104S5 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LP104S5
Description  LIQUID CRYSTAL DISPLAY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP104S5 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LP104S5 Datasheet HTML 11Page - NXP Semiconductors LP104S5 Datasheet HTML 12Page - NXP Semiconductors LP104S5 Datasheet HTML 13Page - NXP Semiconductors LP104S5 Datasheet HTML 14Page - NXP Semiconductors LP104S5 Datasheet HTML 15Page - NXP Semiconductors LP104S5 Datasheet HTML 16Page - NXP Semiconductors LP104S5 Datasheet HTML 17Page - NXP Semiconductors LP104S5 Datasheet HTML 18Page - NXP Semiconductors LP104S5 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LP104S5
LP104S5--A2VT
A2VT
Liquid Crystal Display
Liquid Crystal Display
Product Specification
Product Specification
Ver
Ver 0.0
0.0
Oct.06.
Oct.06. 2000
2000
Page
Page
15
15//23
23
FIG. 3 Response Time
The response time is defined as the following figure and shall be measured by
switching the input signal for ‘black’ and ‘white’.
Tr
R
Tr
D
100
90
10
0
%
Opti ca l
Response
whit e
bl ack
whit e
FIG. 4 Viewing angle
<Definition of viewing angle range>
φ= 90
(12:00)
yu
θ= 0
z
z'
yd
θ
φ
φ=180
(9:00)
A
φ= 0
(3:00)
xr
φ=270
(6:00)
TFT LCD
MODULE
xl
A: Eye o
A: Eye o
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com