Electronic Components Datasheet Search
  English  ▼

X  

N3958M Datasheet(PDF) 3 Page - EPCOS

Part # N3958M
Description  IF Filter for Video Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N3958M Datasheet(HTML) 3 Page - EPCOS

  N3958M Datasheet HTML 1Page - EPCOS N3958M Datasheet HTML 2Page - EPCOS N3958M Datasheet HTML 3Page - EPCOS N3958M Datasheet HTML 4Page - EPCOS N3958M Datasheet HTML 5Page - EPCOS N3958M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 08, 2001
SAW Components
N 3958 M
58,75 MHz
IF Filter for Video Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
57,08 (57,00) MHz
11,3
12,8
14,3
dB
following data
Relative attenuation
α
rel
Picture carrier
58,83 (58,75) MHz
4,8
5,8
6,8
dB
Color carrier
55,25 (55,17) MHz
1,8
2,8
3,8
dB
Sound carrier
54,33 (54,25) MHz
30,0
40,0
—
dB
Adjacent picture carrier
52,83 (52,75) MHz
44,0
54,0
—
dB
Adjacent sound carrier
60,33 (60,25) MHz
40,0
48,0
—
dB
Lower sidelobe
45,08 ... 52,83 (45,00 ... 52,75) MHz
40,0
46,0
—
dB
Upper sidelobe
60,33 ... 65,08 (60,25 ... 65,00) MHz
36,0
42,0
—
dB
Reflected wave signal suppression
1,1
µs ... 6,0 µs after main pulse
42,0
48,0
—
dB
(test pulse 250 ns,
carrier frequency 57,08 (57,00) MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 57,08 (57,00) MHz)
Group delay ripple (p-p)
∆τ
—60
—
ns
Impedance at 57,08 (57,00) MHz
Input:
ZIN
=
RIN
||
CIN
—
1,2 || 8,9
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
0,8 || 2,7
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com