Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 387 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 387 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 383Page - Motorola, Inc MPX2102DP Datasheet HTML 384Page - Motorola, Inc MPX2102DP Datasheet HTML 385Page - Motorola, Inc MPX2102DP Datasheet HTML 386Page - Motorola, Inc MPX2102DP Datasheet HTML 387Page - Motorola, Inc MPX2102DP Datasheet HTML 388Page - Motorola, Inc MPX2102DP Datasheet HTML 389Page - Motorola, Inc MPX2102DP Datasheet HTML 390Page - Motorola, Inc MPX2102DP Datasheet HTML 391Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 670 page
background image
AN1309
3–241
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1. Parts List
Designator
Qty.
Description
Value
Vendor
Part
C1
C2
1
1
Ceramic Capacitor
Ceramic Capacitor
1.0
µF
0.1
µF
D1-D10
D11
1
1
Bar Graph LED
LED
GI
GI
MV57164
MV57124A
R2
R3
R4, R5, R9, R13
R6
R7, R8
R10
R12, R14
R1
R11
1
1
4
1
2
1
2
1
1
1/4 Watt Film Resistor
1/4 Watt Film Resistor
1/4 Watt Film Resistor
1/4 Watt Film Resistor
1/4 Watt Film Resistor
1/4 Watt Film Resistor
1/4 Watt Film Resistor
Trimpot
Trimpot
2.7K
1.2K
1.0K
7.5K
75
820
470
1.0K
200
Bourns
Bourns
3386P-1-102
3386P-1-201
S1
1
Switch
NKK
12SDP2
U1
U2
U3
1
1
1
5.0 V Regulator
Bar Graph IC
Op Amp
Motorola
National
Motorola
MC78L05ACP
LM3914N
MC33274P
XDCR1
1
Pressure Sensor
Motorola
MPX2100DP
—
—
—
—
1
1
1
1
Terminal Block
Test Point Terminal (Black)
Test Point Terminal (Red)
Test Point Terminal (Yellow)
Augat
Components Corp.
Components Corp.
Components Corp.
2SV03
TP1040100
TP1040102
TP1040104
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com