Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 389 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 389 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 385Page - Motorola, Inc MPX2102DP Datasheet HTML 386Page - Motorola, Inc MPX2102DP Datasheet HTML 387Page - Motorola, Inc MPX2102DP Datasheet HTML 388Page - Motorola, Inc MPX2102DP Datasheet HTML 389Page - Motorola, Inc MPX2102DP Datasheet HTML 390Page - Motorola, Inc MPX2102DP Datasheet HTML 391Page - Motorola, Inc MPX2102DP Datasheet HTML 392Page - Motorola, Inc MPX2102DP Datasheet HTML 393Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 670 page
background image
AN1315
3–243
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1.
Input Pressure
Jumpers
Sensor Type
Input Pressure
PSI
J8
J3
J2
J1
MPX2010
0 –1.5
IN
IN
IN
IN
MPX2050
0 – 7.5
OUT
IN
IN
OUT
MPX2100
0 –15.0
OUT
IN
OUT
IN
MPX2200
0–30
OUT
IN
OUT
OUT
The signal conditioned sensor’s zero pressure offset
voltage with no pressure applied to the sensor is empirically
computed each time power is applied to the system and stored
in RAM. The sensitivity of the MPX2000 series pressure
sensors is quite repeatable from unit to unit. There is a facility
for a small adjustment of the slope constant built into the
program. It is accomplished via jumpers J4 thru J7, and will be
explained in the OPERATION section.
Figure 2 shows the printed circuit silkscreen and Figures 3A
and 3B show the schematic for the system.
J1
J2
J3
J4
J5
J6
J7
RP1
LCD1
R11
U5
U2
TP1
R15
Y1
C8
C6
C1
C2
P1
+12
GND
U3
U4
C5
C4
R14
R6
J8
XDCR1
DEVB158
U1
D2
C3
C7
2.9
″
Figure 2. Printed Circuit Silkscreen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com