Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 612 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 612 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 608Page - Motorola, Inc MPX2102DP Datasheet HTML 609Page - Motorola, Inc MPX2102DP Datasheet HTML 610Page - Motorola, Inc MPX2102DP Datasheet HTML 611Page - Motorola, Inc MPX2102DP Datasheet HTML 612Page - Motorola, Inc MPX2102DP Datasheet HTML 613Page - Motorola, Inc MPX2102DP Datasheet HTML 614Page - Motorola, Inc MPX2102DP Datasheet HTML 615Page - Motorola, Inc MPX2102DP Datasheet HTML 616Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 670 page
background image
MC14600
4–20
Motorola Sensor Device Data
www.motorola.com/semiconductors
RECOMMENDED OPERATING CONDITIONS (Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
9.0
V
LED (Pin 5) Load
—
10
mA
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS, TA = 25°C)
Characteristic
Pin #
Symbol
VDD
Vdc
Min
Typ
Max
Unit
Operating Voltage
6
VDD
—
6.0
—
12
V
Output Voltage
Piezoelectric Horn Drivers (IOH = +16 mA)
Comparators (IOH = +30 µA)
Piezoelectric Horn Drivers (IOL = *16 mA)
Comparators (IOL = *30 µA)
(IOL = *200 µA)
10,11
4
10,11
4
1
VOH
VOL
7.4
9.0
7.4
9.0
—
6.5
8.5
—
—
—
—
8.8
—
0.1
—
—
—
0.9
0.5
0.5
V
V
Output Voltage — LED Driver, IOL = 10 mA
5
VOL
7.2
—
—
2.0
V
Output Impedance, Active Guard
16
Hi–Z
9.0
—
—
1000
k
Ω
Standby Current (Rbias = 8.2 MΩ)
—
IDD
9.0
12.0
—
—
5.0
—
9.0
12.0
µA
Input Leakage Current
1
8
13
—
Iin
—
9.0
9.0
9.0
—
—
—
—
—
—
"30
"0.1
"30
nA
µA
nA
Detect Comp. Out
V = 3 V
V = 9 V
1
—
—
—
—
2.50
—
—
—
—
8.00
mA
mA
Low Battery Threshold Voltage (Pin 3 open)
6
Vlow
9.0
7.2
—
7.8
V
Offset Voltage (measured at Vin = VDD/2)
Active Guard
Detect Comparator
16
13,15
VOS
9.0
9.0
—
—
—
—
"100
"50
mV
Input Voltage Range
8
Vin
—
VSS –10
—
VDD + 10
V
Input Capacitance (to VSS @ 1 khz)
15
Cin
—
—
5.0
—
pF
Common Mode Voltage Range
13,15
Vcm
—
1.5
—
VDD –2
V
Breakdown Voltage
Human Body Models per MIL–STD–883 Method 3015
All pins
except 15
15
—
—
—
—
"500
"400
—
—
—
—
V
# Data labelled “Typ’’ is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com