Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 614 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 614 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 610Page - Motorola, Inc MPX2102DP Datasheet HTML 611Page - Motorola, Inc MPX2102DP Datasheet HTML 612Page - Motorola, Inc MPX2102DP Datasheet HTML 613Page - Motorola, Inc MPX2102DP Datasheet HTML 614Page - Motorola, Inc MPX2102DP Datasheet HTML 615Page - Motorola, Inc MPX2102DP Datasheet HTML 616Page - Motorola, Inc MPX2102DP Datasheet HTML 617Page - Motorola, Inc MPX2102DP Datasheet HTML 618Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 670 page
background image
MC14600
4–22
Motorola Sensor Device Data
www.motorola.com/semiconductors
DEVICE OPERATION
TIMING
The internal oscillator of the MC14600 operates with a
period of 1.65 seconds during no–alarm conditions. Each
1.65 seconds, internal power is applied to the entire IC and a
check is made for an alarm input level except during LED
pulse, Low Battery Alarm Chirp, or Horn Modulation (in
alarm). Every 24 clock cycles a check is made for low battery
by comparing VDD to an internal zener voltage. Since very
small currents are used in the oscillator, the oscillator capaci-
tor should be of a low leakage type.
DETECT CIRCUITRY
If an alarm condition is detected, the oscillator period
becomes 41.67 ms and the piezoelectric horn oscillator cir-
cuit is enabled. The horn output is modulated 167 ms on,
83 ms off. During the off time, alarm detect input (Pin 15) is
again checked and will inhibit further horn output if no alarm
condition is sensed. During alarm conditions the low battery
chirp is inhibited, and the LED pulses at a 1.0 Hz rate.
An active guard is provided on a pin adjacent to the detect
input (Pin 16). The voltage at this pin will be within 100 mV of
the input signal. Pin 16 will allow monitoring of the input sig-
nal at pin 15 through a buffer. The active guard op amp is not
power strobed and thus gives constant protection from sur-
face leakage currents. Pin 15 (the Detect input) has internal
diode protection against static damage.
LOW BATTERY THRESHOLD
The low battery voltage level is set internally by a voltage
divider connected between VDD and VSS. This voltage can
be altered by external resistors connected from pin 3 to
either VDD or VSS. A resistor to VDD will decrease the thresh-
old while a resistor to GND will increase it.
ALARM THRESHOLD (SENSITIVITY)
The alarm condition voltage level is set externally through
Pin 13. A voltage divider can be used to set the alarm trip
point. Pin 13 is connected internally to the negative input of
the detect comparator.
LED PULSE
The 9–volt battery level is checked every 40 seconds dur-
ing the LED pulse. The battery is loaded via a 10 mA pulse
for 10 ms. If the LED is not used, it should be replaced with
an equivalent resistor so that the battery loading remains at
10 mA.
Figure 2. Typical Application Components
MC14600
116
2
3
4
5
6
7
8
15
14
13
12
11
10
9
330
Ω
Rbias
0.1
µF
1.5 M
Ω*
0.001
µF
220 k
Ω*
COSC
*NOTE: Component values may change depending on type of piezoelectric horn used.
DETECT
INPUT
R1
R2
VDD
Rp
VDD
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com