Electronic Components Datasheet Search
  English  ▼

X  

ABU1513 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ABU1513
Description  5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU1513 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ABU1513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU1513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
ASB Inc.
 sales@asb.co.kr
August 2017
ABU1513
3.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
5
50
300
MHz
Noise Figure
3.4
2.7
2.7
dB
Gain
13.9
14.0
13.9
dB
S11
-20
-20
-20
dB
S22
-17
-20
-20
dB
Output IP3
301)
432)
422)
dBm
Output IP23)
50
60
59
dBm
Output P1dB
15
19
19
dBm
CSO
664)
dBc
CTB
604)
dBc
Current
120
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 6 MHz.
3) OIP2 is measured with two tones at an output power of +6 dBm/tone separated by 6 MHz.
4) CSO & CTB measured at Pout = 98 dB
V flat for NTSC 77 channels.
Note: Pout is 100 dB
V @ flat ch. and 106 dBV @ 9 dB tilt for CENELEC 42 ch. at CSO, CTB > 60 dBc.
3.3
Plot of S-parameter & Stability Factor
0
50
100
150
200
250
300
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com