Electronic Components Datasheet Search
  English  ▼

X  

AWG3020 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # AWG3020
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG3020 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button AWG3020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
ASB Inc.
 sales@asb.co.kr
January 2017
AWG3020
4.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
30
70
150
300
450
860
1000
1200
MHz
Gain
21.5
21.2
21.1
21.0
20.9
20.6
20.5
20.3
dB
S11
-12.0
-18.0
-20.0
-20.0
-20.0
-18.0
-17.0
-15.0
dB
S22
-15.0
-14.0
-14.0
-14.0
-15.0
-16.0
-17.0
-18.0
dB
Noise Figure
1.8
1.7
1.7
1.7
1.7
1.7
1.7
1.7
dB
Output IP31)
37.0
38.0
38.0
39.0
39.0
38.0
38.0
37.5
dBm
Output P1dB
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
dBm
Current
104
mA
Device Voltage
+3.9
V
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
4.3
Plot of S-parameter & Stability Factor
0
300
600
900
1200
Frequency (MHz)
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com