Electronic Components Datasheet Search
  English  ▼

X  

MAX5943AEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5943AEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943AEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5943AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 7.5V to 37V, GND = 0V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND, unless otherwise noted.)
IN ............................................................................-0.3V to +80V
OUT ........................................................................-0.3V to +80V
SENSE to IN..............................................................-1V to +0.3V
GATE1 to SENSE......................................................-0.3V to +8V
GATE2 to OUT (internally clamped).........................-0.3V to +8V
FAULT.....................................................................-0.3V to +85V
ON, TIM, ILIM, LATCH, OR_ADJ, ONQ1 ..........-0.3V to (IN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
ESD Rating (Human Body Model)......................................2000V
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLIES
Supply Voltage Range
VIN
7.5
37
V
Supply Current
IIN
VON = 3V, no load
1.3
2.3
mA
Shutdown Current
ISD
VON = 0.4V
5
10
µA
IN Default Undervoltage Lockout
VUVLO
VIN rising, ON = IN
6.2
6.5
6.8
V
IN Default Undervoltage Lockout
Hysteresis
0.35
V
ON Undervoltage Lockout
Threshold
VON_REF
VON rising
1.20
1.24
1.275
V
ON Undervoltage Lockout
Threshold Hysteresis
70
mV
ON Input Bias Current
ION
1µA
GATE2 (current-limit/circuit-breaker control)
GATE2 Pullup Current
IG2U
(Note 2)
36
45
54
µA
7.5V ≤ VIN ≤ 8V
4.25
5.5
6.5
GATE2 High Voltage
VG2
VGATE2 - VOUT
8V ≤ VIN ≤ 37V
4.5
5.5
6.5
V
ILIM = GND
47.5
50
52.5
ILIM = floating
37
39
41
Current-Limit/Circuit-Breaker
Threshold Voltage
VTH
VIN - VSENSE
ILIM = IN
55
58.5
61
mV
ILIM = GND
70
75
80
ILIM = floating
54
59
64
Fast Pulldown Current-Limit
Threshold Voltage (MAX5943A)
VTHF
VIN - VSENSE (Note 3)
ILIM = IN
83
88
93
mV
GATE2 Pulldown Current
(MAX5943A)
IG2D
VTH < (VIN - VSENSE) < VTHF,
t < tILIM
335
435
535
µA
GATE2 Fast Pulldown Current
(MAX5943A)
IG2DF
(VIN - VSENSE) > VTHF, VGATE2 = VOUT +
4.5V
80
125
200
mA
GATE2 Peak Pulldown Current
(MAX5943A)
IG2DP
(VIN - VSENSE) = 1V
1.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com