Electronic Components Datasheet Search
  English  ▼

X  

RT9833 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9833
Description  Micro-Power Voltage Detectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9833 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9833 Datasheet HTML 3Page - Richtek Technology Corporation RT9833 Datasheet HTML 4Page - Richtek Technology Corporation RT9833 Datasheet HTML 5Page - Richtek Technology Corporation RT9833 Datasheet HTML 6Page - Richtek Technology Corporation RT9833 Datasheet HTML 7Page - Richtek Technology Corporation RT9833 Datasheet HTML 8Page - Richtek Technology Corporation RT9833 Datasheet HTML 9Page - Richtek Technology Corporation RT9833 Datasheet HTML 10Page - Richtek Technology Corporation RT9833 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9833
7
DS9833-00 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RESET Sink Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
00.511.522.533.5
Input Voltage (V)
RT9833C-30, VDS = 0.5V
80
°C
25
°C
−30°C
Power Down Reset Delay vs. Temperature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9833A-45
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
Reset Threshold Deviation vs. Temperature
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (°C)
5V
1.2V
4.2V
2.2V
4.5V
RT9833
Supply Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0123
456
Input Voltage (V)
RT9833A-45
80
°C
−30°C
25
°C
Power Down Reset Delay vs. Temperature
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9833A-12
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
Power Down Reset Delay vs. Temperature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9833C-30
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com