Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 325 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 325 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 321Page - Motorola, Inc MPX2102AP Datasheet HTML 322Page - Motorola, Inc MPX2102AP Datasheet HTML 323Page - Motorola, Inc MPX2102AP Datasheet HTML 324Page - Motorola, Inc MPX2102AP Datasheet HTML 325Page - Motorola, Inc MPX2102AP Datasheet HTML 326Page - Motorola, Inc MPX2102AP Datasheet HTML 327Page - Motorola, Inc MPX2102AP Datasheet HTML 328Page - Motorola, Inc MPX2102AP Datasheet HTML 329Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 670 page
background image
3–179
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPXV5004G series piezoresistive transducer is a state–of–the–art monolithic
silicon pressure sensor designed for a wide range of applications, but particularly those
employing a microcontroller or microprocessor with A/D inputs. This sensor combines a
highly sensitive implanted strain gauge with advanced micromachining techniques,
thin–film metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
• Temperature Compensated over 10° to 60°C
• Available in Gauge Surface Mount (SMT) or Through–
hole (DIP) Configurations
• Durable Thermoplastic (PPS) Package
Application Examples
• Washing Machine Water Level
• Ideally Suited for Microprocessor or Microcontroller–
Based Systems
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7, AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN NUMBER
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
MPXV5004G
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 3.92 kPa
(0 to 400 mm H2O)
1.0 to 4.9 V OUTPUT
MPXV5004GC7U
CASE 482C
SMALL OUTLINE PACKAGE
THROUGH–HOLE
MPXV5004G7U
CASE 482B
J
MPXV5004G6U
CASE 482
MPXV5004GC6U
CASE 482A
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch in
the lead.
SMALL OUTLINE PACKAGE
SURFACE MOUNT
MPXV5004DP
CASE 1351
MPXV5004GVP
CASE 1368
MPXV5004GP
CASE 1369
REV 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com