Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 100 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 100 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 96Page - Motorola, Inc MPX2102AP Datasheet HTML 97Page - Motorola, Inc MPX2102AP Datasheet HTML 98Page - Motorola, Inc MPX2102AP Datasheet HTML 99Page - Motorola, Inc MPX2102AP Datasheet HTML 100Page - Motorola, Inc MPX2102AP Datasheet HTML 101Page - Motorola, Inc MPX2102AP Datasheet HTML 102Page - Motorola, Inc MPX2102AP Datasheet HTML 103Page - Motorola, Inc MPX2102AP Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 670 page
background image
AN1559
2–64
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 4. Aliasing Comparison
(a)
(b)
(c)
SAMPLING
FREQUENCY
INJECTED SIGNAL
FREQUENCY
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
41.0
41.2
41.4
41.6
41.8
42.0
FREQUENCY (kHz)
Vout
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
1.0E–7
41.0
41.2
41.4
41.6
41.8
42.0
FREQUENCY (kHz)
VCC
SAMPLING
FREQUENCY
INJECTED SIGNAL
FREQUENCY
1.0E+0
1.0E–1
1.0E–3
1.0E–2
1.0E–4
1.0E–5
1.0E–6
0
200
400
600
800
1000
FREQUENCY (Hz)
Vout
Points to note:
• Under clean dc bias, VoutandVCC,Figures3aand3bhave
a signal component at the sampling rate. This is due to
switched capacitor currents coupling through finite power
supply source impedances and PCB paracitics.
• The low frequency output spectrum, Figure 3c, displays the
internal lowpass filter characteristics. (The filter and sam-
pling characteristics are sometimes useful in system de-
bugging.)
• When an ac component is superimposed onto VCC near
the sampling frequency, as shown in Figure 4b, the output
will contain the original signal plus a mirrored signal about
the sampling frequency, shown in Figure 4a. Signals on the
VCC line will appear at the output due to the ratiometric
characteristic of the accelerometer and will be one half the
amplitude.
• As a result of sampling, the output waveform of Figure 4c
is produced where the injected high frequency signal has
now produced a signal in the passband.
• Harmonics of the aliased signal in the pass band are also
shown in Figure 4c.
• Aliased signals in the passband will be amplified versions
of the injected signals. This is due to the signal conditioning
circuitry in the accelerometer that includes gain.
ALIASING AVOIDANCE KEYS
• Use a linear regulated power source when feasible. Linear
regulators have excellent power supply rejection offering a
stable dc source.
• If using a switching power supply, ensure that the switching
frequency is not close to the accelerometer sampling fre-
quency or its harmonics. Noting that the accelerometer will
gain the aliasing signal, it is desirable to keep frequencies
at least 4 kHz away from the sampling frequency and its
harmonics. 4 kHz is one decade from the –3 dB frequency,
therefore any signals will be sufficiently attenuated by the
internal 4–pole lowpass filter.
• Proper bias decoupling will aid in noise reduction from oth-
er sources. With dense surface mount PCB assemblies, it
is often difficult to place and route decoupling components.
However, the accelerometer is not like a typical logic de-
vice. A little extra effort on decoupling goes a long way.
• Good PCB layout practices should always be followed.
Proper system grounding is essential. Parasitic capaci-
tance and inductance could prove to be troublesome, par-
ticularly during EMC testing. Signal harmonics and
sub–harmonics play a significant role in introducing aliased
signals. Clean layouts minimize the effects of parasitics
and thus signal harmonics and sub–harmonics.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com