Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 352 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 352 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 348Page - Motorola, Inc MPX2102AP Datasheet HTML 349Page - Motorola, Inc MPX2102AP Datasheet HTML 350Page - Motorola, Inc MPX2102AP Datasheet HTML 351Page - Motorola, Inc MPX2102AP Datasheet HTML 352Page - Motorola, Inc MPX2102AP Datasheet HTML 353Page - Motorola, Inc MPX2102AP Datasheet HTML 354Page - Motorola, Inc MPX2102AP Datasheet HTML 355Page - Motorola, Inc MPX2102AP Datasheet HTML 356Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 670 page
background image
AN1097
3–206
Motorola Sensor Device Data
www.motorola.com/semiconductors
The
result
is
twice
a
differential
conversion.
As
demonstrated below, all errors from the instrument amplifier
are cancelled. Other averaging techniques may be used to
improve the result, but the appropriated algorithm is always
determined by the maximum bandwidth of the input signal
and the required accuracy of the system.
1
2
4
3
PRESSURE
SENSOR
SYSTEM
MPX2100AP
MC74HC4053
+ 5 V
I/O
0 V
V1
Rf
Rg
Rf
V2
MC68HC05B6
CH1
P
CH2
VRH
VDD
VRL
VSS
Figure 9. Two Channel Input and One Output Port Are Used by the MCU
MC33078
+
–
+
–
SYSTEM CALCULATION
Sensor out 2
Sensor out 4
Vs2 = a (P) + of2
Vs4 = b (P) + of4
Amplifier out 1
Amplifier out 2
V1 = Avd (Vs2 + OF1)
V2 = Avd (Vs4 + OF2)
Inverting of the amplifier input
V1x = Avd (Vs4 + OF1)
V2x = Avd (Vs2 + OF2)
Delta = V1–V2
1st differential result
= Avd * (Vs2 of OF1) – Avd * (Vs4 + OF2)
Deltax = V2x–V1x
2nd differential result
= Avd * (Vs2 + OF2) – Vdc * (Vs4 + OF1)
Adding of the two differential results
VoutV = Delta + Deltax
= Avd*Vs2 + Avd*OF2 + Avd*OF2 – Avd*OF1
= 2 * Avd * (Vs2 –Vs4)
= 2 * Avd * [(a (P) + of2) – (b (P) + of4)]
= 2 * Avd * [V(P) + Voffset]
+ Avd*OF1 – Avd*OF2 + Avd*OF2 – Avd*OF1
There is a full cancellation of the amplifier offset OF1 and
OF2. The addition of the two differential results V1–V2 and
V2x–V1X produce a virtual output voltage VoutV which
becomes the applied input voltage to the A/D converter. The
result of the conversion is expressed in the number of counts
or bits by the ratiometric formula shown below:
count = VoutV *
255
VRH–VRL
255 is the maximum number of counts provided by the A/D
converter and VRH–VRL is the reference voltage of the
ratiometric A/D converter which is commonly tied to the 5.0 V
supply voltage of the MCU.
When the tolerance of the full scale pressure has to be in the
range of
± 2.5%, the offset of the pressure sensor may be
neglected. That means the system does not require any
calibration procedure.
The equation of the system transfer is then:
count = 2 * Avd * V(P) * 51/V where:
Avd is the differential–mode gain of the instrument amplifier
which is calculated using the equation (1). Then with Rf = 510
k
Ω and Rg = 9.1 kΩ Avd = 113.
The maximum counts available in the MCU register at the
Full Scale Pressure is:
count (Full Scale) = 2 * 113 * 0.02 V * 51/V = 230
knowing that the MPX2100AP pressure sensor provides
20 mV at 5.0 excitation voltage and 100 kPa full scale
pressure.
The system resolution is 100 kPa/230 that give 0.43 kPa per
count.
MC68HC05B6
VRH
CH1
P
CH2
VRL
VSS
VDD
+ 5 V
0 V
I/O
FINE
CAL.
Figure 10. Full Scale Output Calibration Using the
Reference Voltage VRH–VRL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com