Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 370 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 370 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 366Page - Motorola, Inc MPX2102AP Datasheet HTML 367Page - Motorola, Inc MPX2102AP Datasheet HTML 368Page - Motorola, Inc MPX2102AP Datasheet HTML 369Page - Motorola, Inc MPX2102AP Datasheet HTML 370Page - Motorola, Inc MPX2102AP Datasheet HTML 371Page - Motorola, Inc MPX2102AP Datasheet HTML 372Page - Motorola, Inc MPX2102AP Datasheet HTML 373Page - Motorola, Inc MPX2102AP Datasheet HTML 374Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 670 page
background image
AN1305
3–224
Motorola Sensor Device Data
www.motorola.com/semiconductors
SOFTWARE SOURCE/ASSEMBLY PROGRAM CODE
#pragma option v ;
/*
rev 1.1 code rewritten to use the MC68HC705B5 instead of the
MC68HC805B6. WLL 6/17/91
THE FOLLOWING ’C’ SOURCE CODE IS WRITTEN FOR THE DEVB–114 DEMONSTRATION
BOARD. IT WAS COMPILED WITH A COMPILER COURTESY OF:
BYTE CRAFT LTD.
421 KING ST.
WATERLOO, ONTARIO
CANADA
N2J 4E4
(519)888–6911
SOME SOURCE CODE CHANGES MAY BE NECESSARY FOR COMPILATION WITH OTHER
COMPILERS.
BILL LUCAS 8/5/90
MOTOROLA, SPS
*/
0800 1700
#pragma memory ROMPROG
[5888]
@ 0x0800 ;
0050 0096
#pragma memory RAMPAGE0 [150]
@ 0x0050 ;
/*
Vector assignments
*/
1FFE
#pragma vector __RESET
@ 0x1ffe ;
1FFC
#pragma vector __SWI
@ 0x1ffc ;
1FFA
#pragma vector IRQ
@ 0x1ffa ;
1FF8
#pragma vector TIMERCAP
@ 0x1ff8 ;
1FF6
#pragma vector TIMERCMP
@ 0x1ff6 ;
1FF4
#pragma vector TIMEROV
@ 0x1ff4 ;
1FF2
#pragma vector SCI
@ 0x1ff2 ;
#pragma has STOP ;
#pragma has WAIT ;
#pragma has MUL ;
/*
Register assignments for the 68HC705B5 microcontroller
*/
0000
#pragma portrw porta
@ 0x00;
/*
*/
0001
#pragma portrw portb
@ 0x01;
/*
*/
0002
#pragma portrw portc
@ 0x02;
/*
*/
0003
#pragma portrw portd
@ 0x03;
/* in
,–
,SS
,SCK
,MOSI,MISO,TxD,RxD */
0004
#pragma portrw ddra
@ 0x04;
/* Data direction, Port A
*/
0005
#pragma portrw ddrb
@ 0x05;
/* Data direction, Port B
*/
0006
#pragma portrw ddrc
@ 0x06;
/* Data direction, Port C (all output)
*/
0007
#pragma portrw eeclk
@ 0x07;
/* eeprom/eclk cntl */
0008
#pragma portrw addata
@ 0x08;
/* a/d data register */
0009
#pragma portrw adstat
@ 0x09;
/* a/d stat/control */
000A
#pragma portrw plma
@ 0x0a;
/* pulse length modulation a */
000B
#pragma portrw plmb
@ 0x0b;
/* pulse length modulation b */
000C
#pragma portrw misc
@ 0x0c;
/* miscellaneous register */
000D
#pragma portrw scibaud @ 0x0d;
/* sci baud rate register */
000E
#pragma portrw scicntl1 @ 0x0e; /* sci control 1
*/
000F
#pragma portrw scicntl2 @ 0x0f; /* sci control 2
*/
0010
#pragma portrw scistat @ 0x10;
/* sci status reg */
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com