Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 464 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 464 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 460Page - Motorola, Inc MPX2102AP Datasheet HTML 461Page - Motorola, Inc MPX2102AP Datasheet HTML 462Page - Motorola, Inc MPX2102AP Datasheet HTML 463Page - Motorola, Inc MPX2102AP Datasheet HTML 464Page - Motorola, Inc MPX2102AP Datasheet HTML 465Page - Motorola, Inc MPX2102AP Datasheet HTML 466Page - Motorola, Inc MPX2102AP Datasheet HTML 467Page - Motorola, Inc MPX2102AP Datasheet HTML 468Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 670 page
background image
3–318
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1525
The A-B-C'sof Signal-Conditioning Amplifier
Design for Sensor Applications
Prepared by: Eric Jacobsen and Jeff Baum
Sensor Applications Engineering
Motorola Signal Products Division
Phoenix, AZ
INTRODUCTION
Although
fully
signal–conditioned,
calibrated,
and
temperature compensated monolithic sensor IC’s are
commercially available today, there are many applications
where the flexibility of designing custom signal–conditioning
is of great benefit. Perhaps the need for a versatile low–level
sensor output is best illustrated by considering two particular
cases that frequently occur: (1) the user is in a prototyping
phase of development and needs the ability to make changes
rapidly to the overall transfer function of the combined
sensor/amplifier subsystem, (2) the specific desired transfer
function does not exist in a fully signal–conditioned,
precision–trimmed sensor product (e.g., a signal–conditioned
device is precision trimmed over a different pressure range
than that of the application of interest). In such cases, it is
obvious that there will always be a need for low–level,
nonsignal–conditioned sensors. Given this need, there is also
a need for sensor interface amplifier circuits that can signal
condition the “raw” sensor output to a usable level. These
circuits should also be user friendly, simple, and cost effective.
Today’s unamplified solid–state sensors typically have an
output voltage of tens of millivolts (Motorola’s basic 10 kPa
pressure sensor, MPX10, has a typical full–scale output of
58 mV, when powered with a 5 V supply). Therefore, a gain
stage is needed to obtain a signal large enough for additional
processing.
This
additional
processing
may
include
digitization by a microcontroller’s analog to digital (A/D)
converter,
input to a comparator, etc. Although the
signal–conditioning circuits described here are applicable to
low–level, differential–voltage output sensors in general, the
focus of this paper will be on interfacing pressure sensors to
amplifier circuits.
This paper presents a basic two operational–amplifier
signal–conditioning
circuit
that
provides
the
desired
characteristics of an instrumentation amplifier interface:
• High input impedance
• Low output impedance
• Differential to single–ended conversion of the pressure
sensor signal
• High gain capability
For this two op–amp circuit, additional modifications to the
circuit allow (1) gain adjustment without compromising
common mode rejection and (2) both positive and negative dc
level shifts of the zero pressure offset. Varying the gain and
offset is desirable since full–scale span and zero pressure
offset voltages of pressure sensors will vary somewhat from
unit to unit. Thus, a variable gain is desirable to fine tune the
sensor’s full–scale span, and a positive or negative dc level
shift (offset adjustment) of the pressure sensor signal is
needed to translate the pressure sensor’s signal–conditioned
output span to a specific level (e.g., within the high and low
reference voltages of an A/D converter).
For the two op–amp gain stage, this paper will present the
derivation of the transfer function and simplified transfer
function for pressure sensor applications, the derivation and
explanation of the gain stage with a gain adjust feature, and
the derivation and explanation of the gain stage with the dc
level shift modification.
Adding another amplifier stage provides an alternative
method of creating a negative dc voltage level shift. This
stage is cascaded with the output from the two op–amp stage
(
Note: gain of the two op–amp stage will be reduced due to
additional gain provided by the second amplifier stage). For
this three op–amp stage, the derivation of the transfer
function, simplified transfer function, and the explanation of
the negative dc level shift feature will be presented.
GENERAL NOTE ON OFFSET ADJUSTMENT
Pressure sensor interface circuits may require either a
positive or a negative dc level shift to adjust the zero pressure
offset voltage. As described above, if the signal–conditioned
pressure sensor voltage is input to an A/D, the sensor’s
output dynamic range must be positioned within the high and
low reference voltages of the A/D; i.e., the zero pressure
offset voltage must be greater than (or equal to) the low
reference voltage and the full–scale pressure voltage must
be less than (or equal to) the high reference voltage (see
Figure 1). Otherwise, voltages above the high reference will
be digitally converted as 255 decimal (for 8–bit A/D), and
voltages below the low reference will be converted as 0. This
creates a nonlinearity in the analog–to–digital conversion.
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com