Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 524 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 524 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 520Page - Motorola, Inc MPX2102AP Datasheet HTML 521Page - Motorola, Inc MPX2102AP Datasheet HTML 522Page - Motorola, Inc MPX2102AP Datasheet HTML 523Page - Motorola, Inc MPX2102AP Datasheet HTML 524Page - Motorola, Inc MPX2102AP Datasheet HTML 525Page - Motorola, Inc MPX2102AP Datasheet HTML 526Page - Motorola, Inc MPX2102AP Datasheet HTML 527Page - Motorola, Inc MPX2102AP Datasheet HTML 528Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 670 page
background image
3–378
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1646
Noise Considerations
for Integrated Pressure Sensors
Prepared by Ador Reodique, Sensor and Systems Applications Engineering and Warren Schultz, Field Engineering
INTRODUCTION
Motorola Integrated Pressure Sensors (IPS) have trimmed
outputs, built–in temperature compensation and an amplified
single–ended output which make them compatible with
Analog to Digital converters (A/D’s) on low cost micro–control-
lers. Although 8–bit A/D’s are most common, higher resolution
A/D’s are becoming increasingly available. With these higher
resolution A/D’s, the noise that is inherent to piezo–resistive
bridges becomes a design consideration.
The two dominant types of noise in a piezo–resistive inte-
grated pressure sensor are shot (white) noise and 1/f (flicker
noise). Shot noise is the result of non–uniform flow of carriers
across a junction and is independent of temperature. The
second, 1/f, results from crystal defects and also due to wafer
processing. This noise is proportional to the inverse of fre-
quency and is more dominant at lower frequencies3.
Noise can also come from external circuits. In a sensor sys-
tem, power supply, grounding and PCB layout is important and
needs special consideration.
The following discussion presents simple techniques for
mitigating these noise signals, and achieving excellent results
with high resolution A/D converters.
EFFECTS OF NOISE IN SENSOR SYSTEM
The transducer bridge produces a very small differential
voltage in the millivolt range. The on–chip differential amplifier
amplifies, level shifts and translates this voltage to a single–
ended output of typically 0.2 volts to 4.7 volts. Although the
transducer has a mechanical response of about 500 Hz, its
noise output extends from 500 Hz to 1 MHz. This noise is
amplified and shows up at the output as depicted in Figure 1.
There is enough noise here to affect 1 count on an 8 bit A/D,
and 4 or 5 counts on a 10 bit A/D. It is therefore important to
consider filtering. Filtering options are discussed as follows.
Figure 1. MPX5006 Raw Output
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com