Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 537 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 537 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 533Page - Motorola, Inc MPX2102AP Datasheet HTML 534Page - Motorola, Inc MPX2102AP Datasheet HTML 535Page - Motorola, Inc MPX2102AP Datasheet HTML 536Page - Motorola, Inc MPX2102AP Datasheet HTML 537Page - Motorola, Inc MPX2102AP Datasheet HTML 538Page - Motorola, Inc MPX2102AP Datasheet HTML 539Page - Motorola, Inc MPX2102AP Datasheet HTML 540Page - Motorola, Inc MPX2102AP Datasheet HTML 541Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 670 page
background image
AN1668
3–391
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1. MPX2010 Specifications
Characteristic
Min
Typ
Max
Unit
Pressure Range
0
10
kPa
Supply Voltage
10
16
Vdc
Supply Current
6
mA
Full Scale Span
24
25
26
mV
Offset
*1
1
mV
Sensitivity
25
mV/kPa
Linearity
*1
1
%VFSS
Pressure Hysterisis
0.1
%VFSS
Temperature Hysterisis (
*40 to 125°C)
0.5
%VFSS
Temperature Effect on Span
*1
1
%VFSS
Temperature Effect Offset (0 to 85
°C)
*1
1
mV
Input Impedance
1300
2550
ohms
Output Impedance
1400
3000
ohms
Response Time (10% to 90%)
1
ms
Warm–Up
20
ms
The sensor system errors is made up of the sensor errors,
amplifier errors and A/D errors. In other words,
(1)
eSystem + eSensor2 ) eAmplifier2 ) eADResolution2
Table 2 shows the MPX2010 with the errors converted to
%VFSS. The expected maximum root mean squared error of
the sensor is
(2)
eSensor + SpanCal2 ) Lin2 ) Phys2 ) Thys2 ) Tcs2 ) OffCal2 ) Tco2 ) OffStab2
= +/– 7.19 % FS.
With auto–zeroing, the offset calibration, temperature effect
on offset and offset stability is reduced or eliminated,
eSensor + SpanCal2 ) Lin2 ) Phys2 ) Thys2 ) Tcs2
(3)
= +/– 4.42 % FS.
The sensor error is calculated using the full–scale pres-
sure range of the device, 0 to 85
°C temperature and 10 V
excitation.
In comparison with the MPXV4006G solution, the expected
accuracy of the system (MPXV4006G + 8 bit A/D) with
auto–zero is 3.1 % FS.
Table 2. MPX2010 span, offset and calculated maximum RMS error. *This assumes that the power supply is constant.
Span Errors (converted to %VFSS)
Symbol
Error Value
Note
Unit
Span Calibration
SpanCal
4
%VFSS
Linearity
Lin
1
%VFSS
Pressure Hysterisis
Phys
0.1
%VFSS
Temperature Hysterisis
Thys
0.5
%VFSS
Temperature Effect on Span
Tcs
1.5
%VFSS
Offset Errors (converted to %VFSS)
Offset Calibration
OffCal
4
%VFSS
Temperature Effect on Offset
Tco
4
%VFSS
Offset Stability
OffStab
0.5
%VFSS
Calculated Maximum RMS Errors
RMS Error
No Compensation*
7.19
%FS
With auto–zero
4.42
%FS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com