Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 552 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 552 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 548Page - Motorola, Inc MPX2102AP Datasheet HTML 549Page - Motorola, Inc MPX2102AP Datasheet HTML 550Page - Motorola, Inc MPX2102AP Datasheet HTML 551Page - Motorola, Inc MPX2102AP Datasheet HTML 552Page - Motorola, Inc MPX2102AP Datasheet HTML 553Page - Motorola, Inc MPX2102AP Datasheet HTML 554Page - Motorola, Inc MPX2102AP Datasheet HTML 555Page - Motorola, Inc MPX2102AP Datasheet HTML 556Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 670 page
background image
AN1950
3–406
Motorola Sensor Device Data
www.motorola.com/semiconductors
bra
goconv
positiv:
lda
#’+’
jsr
lcdchro
;display the plus sign (to keep alignment)
goconv:
lda
MA
clrh
ldx
#$64
clr
RB
div
bne
over100b
lda
#$20
;prepare for a space in case first value is 0
jsr
lcdchro
bra
lnextb
over100b: jsr
lcdnibo
inc
RB
lnextb:
pshh
pula
clrh
ldx
#$0A
;divide by 10
div
bne
nospaceb
tst
RB
bne
nospaceb
lda
#$20
jsr
lcdchro
bra
lnextab
nospaceb: jsr
lcdnibo
;display tens digit
lnextab:
pshh
pula
jsr
lcdnibo
;and first decimal
lda
#’m’
jsr
lcdchro
lda
#’m’
jsr
lcdchro
;then the unit
lda
#’/’
jsr
lcdchro
lda
#’s’
jsr
lcdchro
lda
#$40
;======== Graphics Update: tough stuff ===========
jsr
lcdcmdo
;prepare to write 8 bytes into CGRAM starting at @ $40
ldhx
#ramfree
;point to 40 pressure readings (this reuses wrflash RAM)
mov
#$08,DA
;DA will count those 8 CGRAM addresses
cg8:
lda
0,x
sta
NC
lda
1,x
sta
NB
lda
2,x
sta
NA
lda
3,x
sta
DC
lda
4,x
sta
DB
;readings 0–4 go into NC,NB,NA,DC,DB and will form 1 LCD special charac-
ter
mov
#$08,RA
;RA will count the 8 bits
fill:
clr
RB
;start with RB=0, this will eventually contain the data for CGRAM
rol
NC
rol
RB
rol
NB
rol
RB
rol
NA
rol
RB
rol
DC
rol
RB
rol
DB
rol
RB
;rotate left those 5 values and use carry bits to form RB (tough part)
lda
RB
jsr
lcdchro
;and put it into CGRAM
dec
RA
;do this 8 times to cover all 8 bits
bne
fill
incx
incx
incx
incx
incx
;now point to next 5 values for next CGRAM address (5 values per charac-
ter)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com