Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 600 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 600 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 596Page - Motorola, Inc MPX2102AP Datasheet HTML 597Page - Motorola, Inc MPX2102AP Datasheet HTML 598Page - Motorola, Inc MPX2102AP Datasheet HTML 599Page - Motorola, Inc MPX2102AP Datasheet HTML 600Page - Motorola, Inc MPX2102AP Datasheet HTML 601Page - Motorola, Inc MPX2102AP Datasheet HTML 602Page - Motorola, Inc MPX2102AP Datasheet HTML 603Page - Motorola, Inc MPX2102AP Datasheet HTML 604Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 670 page
background image
MC14467-1
4–8
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6. Timing Diagram
Hysteresis (Internal)
(Pin 13 ) (Pin 14)
Detect Out
(Pin 1)
Low Battery Out
(Pin 4)
Sample (Internal)
Smoke
Horn
(Pin 10 and 11)
LED
(Pin 5)
Oscillator
(Pin 12)
Standby
Smoke/No Low Battery
Smoke/Low Battery
No Smoke/
No Low Battery
No Smoke/Low Battery
40 ms
10 ms
1.67 s
24 Clock Cycles (0.96 s)
24 Clock Cycles
(40S)
24 Clock Cycles
6 Clock
Suppressed Chirp
Battery Test
(Note 3)
(Note 3)
(Note 1)
Cycles (10.0s)
NOTES:
1. Horn modulation is self–completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off.
2. Comparators are strobed on once per clock cycle (1.67 s for no smoke, 40 ms for smoke).
3. Low battery comparator information is latched only during LED pulse.
4.
X 100 mV p–p swing.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com