Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 648 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 648 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 644Page - Motorola, Inc MPX2102AP Datasheet HTML 645Page - Motorola, Inc MPX2102AP Datasheet HTML 646Page - Motorola, Inc MPX2102AP Datasheet HTML 647Page - Motorola, Inc MPX2102AP Datasheet HTML 648Page - Motorola, Inc MPX2102AP Datasheet HTML 649Page - Motorola, Inc MPX2102AP Datasheet HTML 650Page - Motorola, Inc MPX2102AP Datasheet HTML 651Page - Motorola, Inc MPX2102AP Datasheet HTML 652Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 670 page
background image
MC145017
4–56
Motorola Sensor Device Data
www.motorola.com/semiconductors
TIMING PARAMETERS (C = 0.1
µF, Rbias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 6)
Characteristics
Symbol
Min
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.46
37.5
1.85
45.8
s
ms
Oscillator Rise Time
tr
10.1
12.3
ms
Horn Output
On Time
(During Smoke)
Off Time
PWon
PWoff
450
450
550
550
ms
ms
LED Output
Between
Pulses
On Time
tLED
PWon
35.0
10.1
44.5
12.3
s
ms
Horn Output
On Time
(During Low Battery)
Between
Pulses
ton
toff
10.1
35.0
12.3
44.5
ms
s
Figure 1. Block Diagram
+
–
VDD
LATCH
LOW BATTERY COMP.
OSCILLATOR
TIMER
LATCH
+
–
VDD
80 K
3
1045 K
7
12
1
13
1125 K
+
–
15
DETECT INPUT
14
LO–Z
ACTIVE
GUARD
16
HI–Z
VDD
4
VDD
8
PIEZOELECTRIC
HORN DRIVER
11
10
5
LED DRIVER
VDD
6
9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com