Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 105 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 105 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 101Page - Motorola, Inc MPX2102AP Datasheet HTML 102Page - Motorola, Inc MPX2102AP Datasheet HTML 103Page - Motorola, Inc MPX2102AP Datasheet HTML 104Page - Motorola, Inc MPX2102AP Datasheet HTML 105Page - Motorola, Inc MPX2102AP Datasheet HTML 106Page - Motorola, Inc MPX2102AP Datasheet HTML 107Page - Motorola, Inc MPX2102AP Datasheet HTML 108Page - Motorola, Inc MPX2102AP Datasheet HTML 109Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 670 page
background image
AN1611
2–69
Motorola Sensor Device Data
www.motorola.com/semiconductors
START
INITIALIZATION CLEAR I/O PORTS
DISPLAY “CAL” FOR
4 SECONDS
AUTO–ZERO
READ ACCELEROMETER
CURRENT
VALUE
> 2.0 g?
IS THE IMPACT
> 7.0 g?
ACTIVATE THE
BUZZER / LED
IS THE CURRENT
VALUE
> PEAK VALUE?
IS THE PEAK
VALUE BEEN DISPLAY
>
3 SECOND?
PEAK VALUE = CURRENT VALUE
SET 3 SECOND FOR THE TIMER INTERRUPT
OUTPUT PEAK VALUE
TO LCD
ACCUMULATE THE DATA
IS THE NUMBER
OF SAMPLES ACCUMULATED
= 128?
OUTPUT THE CURRENT
VALUE TO LCD
TAKE THE AVERAGE
OF THE DATA
IS THE 3 SECOND
FOR THE PEAK VALUE
DISPLAY OVER?
Y
N
Y
N
Y
N
N
Y
Y
N
Y
N
Figure 4. Main Program Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com