Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 114 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 114 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 110Page - Motorola, Inc MPX2102AP Datasheet HTML 111Page - Motorola, Inc MPX2102AP Datasheet HTML 112Page - Motorola, Inc MPX2102AP Datasheet HTML 113Page - Motorola, Inc MPX2102AP Datasheet HTML 114Page - Motorola, Inc MPX2102AP Datasheet HTML 115Page - Motorola, Inc MPX2102AP Datasheet HTML 116Page - Motorola, Inc MPX2102AP Datasheet HTML 117Page - Motorola, Inc MPX2102AP Datasheet HTML 118Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 670 page
background image
AN1612
2–78
Motorola Sensor Device Data
www.motorola.com/semiconductors
R1
100 k
+5.0 V
4
1 5
6
7
8
3
2
+5.0 V
R2
100 k
2
1
C3
1.0
m
+
+
–
U1
LM311N
VOUT
VIN
VREF
Figure 3. Comparator Circuitry
For instance, if the threshold level is to be set to –20g, this
will correspond to a Vref voltage of 1.7 V.
V
REF + VOFFSET )
DV
DG
G
THRESHOLD
+ 2.5 ) (0.04
[
* 20])
+ 1.7 V
Under normal condition, Vin (which is the output of the
accelerometer) is at about 2.5V. Since Vin is higher than Vref,
the output of the comparator is at logic “0”. During any shock
or impact which is greater than –20g in magnitude, the output
voltage of the accelerometer will go below Vref. In this case,
the output logic of the comparator changes from “0” to “1”.
When the pager is in silence mode, the vibrator produces an
output of about
±2g. This will not trigger the comparator.
Therefore, even in silence mode, the user can also tap the
pager to stop the alert. Refer to Figure 5 for the vibrator
waveform.
– 0.05
– 0.03
– 0.01
0.01
0.03
0.05
0
1.0
2.0
3.0
4.0
5.0
6.0
0
TIME (seconds)
Figure 4. Comparator Output Waveform
– 0.025
– 0.015
– 0.005
0.005
0.015
0.025
– 2.0
–1.5
–1.0
– 0.5
0
1.5
2.0
0
TIME (seconds)
0.5
1.0
Figure 5. Vibrator Waveform
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com