Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 125 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 125 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 121Page - Motorola, Inc MPX2102AP Datasheet HTML 122Page - Motorola, Inc MPX2102AP Datasheet HTML 123Page - Motorola, Inc MPX2102AP Datasheet HTML 124Page - Motorola, Inc MPX2102AP Datasheet HTML 125Page - Motorola, Inc MPX2102AP Datasheet HTML 126Page - Motorola, Inc MPX2102AP Datasheet HTML 127Page - Motorola, Inc MPX2102AP Datasheet HTML 128Page - Motorola, Inc MPX2102AP Datasheet HTML 129Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 670 page
background image
2–89
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1635
Baseball Pitch Speedometer
Prepared by: Carlos Miranda, Systems and Applications Engineer and
David Heeley, Systems and Applications Mechanical Engineer
INTRODUCTION
The Baseball Pitch Speedometer, in its simplest form, con-
sists of a target with acceleration sensors mounted on it, an
MCU to process the sensors’ outputs and calculate the ball
speed, and a display to show the result. The actual imple-
mentation, shown in Figure 1, resembles a miniature pitching
cage, that can be used for training and/or entertainment. The
cage is approximately 6 ft. tall by 3 ft. wide by 6 ft. deep. The
upper portion is wrapped in a nylon net to retain the baseballs
as they rebound off the target. A natural rubber mat, backed
by a shock resistant acrylic plate, serve as the target. Accel-
erometers, used to sense the ball impact, and buffers, used to
drive the signal down the transmission line, are mounted on
the back side of the target. The remainder of the electronics
is contained in a display box on the top front side of the cage.
Accelerometers are sensors that measure the accelera-
tion exerted on an object. They convert a physical quantity
into an electrical output signal. Because acceleration is a
vector quantity, defined by both magnitude and direction, an
accelerometer’s output signal typically has an offset voltage
and can swing positive and negative relative to the offset,
to account for both positive and negative acceleration. An
example acceleration profile is shown in Figure 2. Because
acceleration is defined as the rate of change of velocity with
respect to time, the integration of acceleration as a function
of time will yield a net change in velocity. By digitizing and
numerically integrating the output signal of an accelerometer
through the use of a microcontroller, the “area under the
curve” could be computed. The result corresponds to the net
change in velocity of the object under observation. This is the
basic principle behind the Baseball Pitch Speedometer.
Figure 1. David Heeley, mechanical designer of the Baseball Pitch Speedometer Demo,
tests his skills at Sensors Expo Boston ’97.
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com