Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 130 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 130 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 126Page - Motorola, Inc MPX2102AP Datasheet HTML 127Page - Motorola, Inc MPX2102AP Datasheet HTML 128Page - Motorola, Inc MPX2102AP Datasheet HTML 129Page - Motorola, Inc MPX2102AP Datasheet HTML 130Page - Motorola, Inc MPX2102AP Datasheet HTML 131Page - Motorola, Inc MPX2102AP Datasheet HTML 132Page - Motorola, Inc MPX2102AP Datasheet HTML 133Page - Motorola, Inc MPX2102AP Datasheet HTML 134Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 670 page
background image
AN1635
2–94
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 4b. MC68HC11E9 MCU with Supporting Circuitry
VCC
8 MHz
R11
10 M
R15
1 k
VCC
R12
4.7 k
R13
4.7 k
VCC
IN
RST*
MC34164P
GND
1
2
3
U13
C14
18 pF
C13
0.1
VCC
VCC
PA2/IC1
PE7/AN7
PE4/AN4
PE5/AN5
PE6/AN6
R14
4.7 k
VRL
VRH
MODA/LIR*
MODB/VSTBY
IRQ*
XIRQ*
RESET*
XTAL
EXTAL
VSS
VDD
PE7/AN7
PE6/AN6
PE5/AN5
PE4/AN4
PE3/AN3
PE2/AN2
PE1/AN1
PE0/AN0
PD5/SS*
PD4/SCK
PD3/MOSI
PD2/MISO
PD1/TxD
PD0/RxD
PC7/AD7
PC6/AD6
PC5/AD5
PC4/AD4
PC3/AD3
PC2/AD2
PC1/AD1
PC0/AD0
STRA/AS
STRB/R/W*
PB7/A15
PB6/A14
PB5/A13
PB4/A12
PB3/A11
PB2/A10
PB1/A9
PB0/A8
PA7/PAI/OC1
PA6/OC2/OC1
PA5/OC3/OC1
PA4/OC4/OC1
PA3/IC4/OC5/OC1
PA2/IC1
PA1/IC2
PA0/IC3
E
MC68HC11E9
51
52
3
2
8
7
1
26
50
48
46
44
49
47
45
43
25
24
23
22
21
20
16
15
14
13
12
11
10
9
4
6
35
36
37
38
39
40
41
42
27
28
29
30
31
32
33
34
5
17
18
19
U14
1
C16
C12
4.7
“Your’’ / “Best’’
F
G
E
D
C
B
A
F
G
E
D
C
B
A
DP
4.7 k
R10
R9
200 k
R8
4.7 k
RESET
1
C11
Ones Digit
LED Display
Tens Digit
LED Display
µF
µF
µF
µF
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
18 pF
C15
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com