Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 150 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 150 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 146Page - Motorola, Inc MPX2102AP Datasheet HTML 147Page - Motorola, Inc MPX2102AP Datasheet HTML 148Page - Motorola, Inc MPX2102AP Datasheet HTML 149Page - Motorola, Inc MPX2102AP Datasheet HTML 150Page - Motorola, Inc MPX2102AP Datasheet HTML 151Page - Motorola, Inc MPX2102AP Datasheet HTML 152Page - Motorola, Inc MPX2102AP Datasheet HTML 153Page - Motorola, Inc MPX2102AP Datasheet HTML 154Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 670 page
background image
3–4
Motorola Sensor Device Data
www.motorola.com/semiconductors
Device Numbering System for Pressure Sensors
M PX A 2 XXX A P X T1
CATEGORY
Qualified standard
Custom device
Prototype device
M
S
P,X
PRESSURE SENSORS
PACKAGE TYPE
Unibody
Small outline package (SOP)
Small outline media
resistant package
Chip pak
Super small outline
package (SSOP)
M–Pak
Super small outline
package (TPMP)
None
A/V
AZ
C
H
M
Y
FEATURES*
Uncompensated
Temperature compensated/
calibrated
Open
Temperature compensated/
calibrated/signal conditioned
Automotive accuracy
Temperature compensated/
calibrated/signal conditioned
High temperature
Open
CMOS
None
2
3
4
5
6
7
8
SHIPPING METHOD
Trays
Tape and reel
1 indicates
part orientation
in tape
Rail
None
T1
U
No leadform
Open
(Consult factory)
Open
SOP only
NONE
0
1 thru 2
3 thru 5
6 thru 7
LEADFORM OPTIONS
TYPE OF DEVICE
Absolute
Gauge
Differential
Vacuum/Gauge
A
G
D
V
PORTING STYLE
Axial port (small outline package)
Ported
Single port (AP, GP, GVP)
Dual port (DP)
Stovepipe port (unibody)
Axial port (unibody)
C
P
S
SX
Rated pressure in kPa,
except for MPX2300,
expressed in mmHg.
(6 = Gull wing/Surface mount)
(7 = 87 degrees/DIP)
Note: Actual product marking may be abbreviated due to space constraints but packaging label will reflect full part number.
*Only applies to qualified and prototype devices. This does not apply to custom devices.
Examples:
MPX10DP
10 kPa uncompensated, differential device in minibody package, ported, no leadform, shipped in trays.
MPXA4115A6T1
115 kPa automotive temperature compensated and calibrated device with signal conditioning, SOP surface mount with
gull wing leadform, shipped in tape and reel.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com