Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 165 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 165 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 161Page - Motorola, Inc MPX2102AP Datasheet HTML 162Page - Motorola, Inc MPX2102AP Datasheet HTML 163Page - Motorola, Inc MPX2102AP Datasheet HTML 164Page - Motorola, Inc MPX2102AP Datasheet HTML 165Page - Motorola, Inc MPX2102AP Datasheet HTML 166Page - Motorola, Inc MPX2102AP Datasheet HTML 167Page - Motorola, Inc MPX2102AP Datasheet HTML 168Page - Motorola, Inc MPX2102AP Datasheet HTML 169Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 670 page
background image
3–19
Motorola Sensor Device Data
www.motorola.com/semiconductors
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX12 series device is a silicon piezoresistive pressure sensor providing a very
accurate and linear voltage output — directly proportional to the applied pressure. This
standard, low cost, uncompensated sensor permits manufacturers to design and add
their own external temperature compensating and signal conditioning networks.
Compensation techniques are simplified because of the predictability of Motorola’s single
element strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• Differential and Gauge Options
• Durable Epoxy Package
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics
Figure 1 shows a schematic of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Uncompensated Pressure Sensor Schematic
PIN 3
SENSING
ELEMENT
PIN 2
PIN 4
+ Vout
– Vout
+ VS
PIN 1
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX12
SERIES
0 to 10 kPa (0 – 1.45 psi)
55 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
MPX12D
CASE 344
MPX12DP
CASE 344C
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com