Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 180 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 180 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 176Page - Motorola, Inc MPX2102AP Datasheet HTML 177Page - Motorola, Inc MPX2102AP Datasheet HTML 178Page - Motorola, Inc MPX2102AP Datasheet HTML 179Page - Motorola, Inc MPX2102AP Datasheet HTML 180Page - Motorola, Inc MPX2102AP Datasheet HTML 181Page - Motorola, Inc MPX2102AP Datasheet HTML 182Page - Motorola, Inc MPX2102AP Datasheet HTML 183Page - Motorola, Inc MPX2102AP Datasheet HTML 184Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 670 page
background image
MPX2053 MPXV2053G SERIES
3–34
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die. The Motorola MPX pressure sensor is
designed to operate with positive differential pressure
applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2053D
344C
Stainless Steel Cap
MPX2053DP
344C
Side with Part Marking
MPX2053GP
344B
Side with Port Attached
MPX2053GSX
344F
Side with Port Attached
MPX2053GVP
344D
Stainless Steel Cap
MPXV2053GP
1369
Side with Port Attached
MPXV2053DP
1351
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE (MPX2053 SERIES)
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
344
MPX2053D
MPX2053D
Ported Elements
Differential, Dual Port
344C
MPX2053DP
MPX2053DP
Gauge
344B
MPX2053GP
MPX2053GP
Gauge, Axial PC Mount
344F
MPX2053GSX
MPX2053D
Gauge, Vacuum
344D
MPX2053GVP
MPX2053GVP
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV2053G SERIES)
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Elements
Gauge, Side Port, SMT
1369
MPXV2053GP
Trays
MPXV2053G
Differential, Dual Port, SMT
1351
MPXV2053DP
Trays
MPXV2053G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com