Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 199 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 199 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 195Page - Motorola, Inc MPX2102AP Datasheet HTML 196Page - Motorola, Inc MPX2102AP Datasheet HTML 197Page - Motorola, Inc MPX2102AP Datasheet HTML 198Page - Motorola, Inc MPX2102AP Datasheet HTML 199Page - Motorola, Inc MPX2102AP Datasheet HTML 200Page - Motorola, Inc MPX2102AP Datasheet HTML 201Page - Motorola, Inc MPX2102AP Datasheet HTML 202Page - Motorola, Inc MPX2102AP Datasheet HTML 203Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 670 page
background image
MPX2300DT1 MPX2301DT1
3–53
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORDERING INFORMATION
The MPX2300DT1/MPX2301DT1 silicon pressure sensors are available in tape and reel packaging.
Device Type/Order No.
Case No.
Device Description
Marking
MPX2300DT1
423A
Chip Pak, Full Gel
Date Code, Lot ID
MPX2301DT1
423A
Chip Pak, 1/3 Gel
Date Code, Lot ID
Packaging Information
Reel Size
Tape Width
Quantity
Tape and Reel
330 mm
24 mm
1000 pc/reel
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com