Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 205 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 205 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 201Page - Motorola, Inc MPX2102AP Datasheet HTML 202Page - Motorola, Inc MPX2102AP Datasheet HTML 203Page - Motorola, Inc MPX2102AP Datasheet HTML 204Page - Motorola, Inc MPX2102AP Datasheet HTML 205Page - Motorola, Inc MPX2102AP Datasheet HTML 206Page - Motorola, Inc MPX2102AP Datasheet HTML 207Page - Motorola, Inc MPX2102AP Datasheet HTML 208Page - Motorola, Inc MPX2102AP Datasheet HTML 209Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 670 page
background image
3–59
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
Manifold Absolute Pressure Sensor
On-ChipSignal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4100 series Manifold Absolute Pressure (MAP) sensor for engine
control is designed to sense absolute air pressure within the intake manifold. This
measurement can be used to compute the amount of fuel required for each cylinder. The
small form factor and high reliability of on–chip integration makes the Motorola MAP
sensor a logical and economical choice for automotive system designers.
Features
• 1.8% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine
Control Systems
• Ideally Suited for Microprocessor Interfacing
• Temperature Compensated Over –40°C to +125°C
• Durable Epoxy Unibody Element
• Ideal for Non–Automotive Applications
Application Examples
• Manifold Sensing for Automotive Systems
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS
The MPX4100 series piezoresistive transducer is a state–
of–the–art, monolithic, signal conditioned, silicon pressure
sensor. This sensor combines advanced micromachining
techniques, thin film metallization, and bipolar semiconductor
processing to provide an accurate, high level analog output
signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry
integrated on a pressure sensor chip.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX4100
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 105 kPa (2.9 to 15.2 psi)
0.3 to 4.9 V Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC CHIP CARRIER
ELEMENT
CASE 867–08, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
REV 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com