Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 216 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 216 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 212Page - Motorola, Inc MPX2102AP Datasheet HTML 213Page - Motorola, Inc MPX2102AP Datasheet HTML 214Page - Motorola, Inc MPX2102AP Datasheet HTML 215Page - Motorola, Inc MPX2102AP Datasheet HTML 216Page - Motorola, Inc MPX2102AP Datasheet HTML 217Page - Motorola, Inc MPX2102AP Datasheet HTML 218Page - Motorola, Inc MPX2102AP Datasheet HTML 219Page - Motorola, Inc MPX2102AP Datasheet HTML 220Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 670 page
background image
3–70
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4101A/MPXA4101A/MPXH6101A series Manifold Absolute
Pressure (MAP) sensor for engine control is designed to sense absolute air pressure
within the intake manifold. This measurement can be used to compute the amount of
fuel required for each cylinder. The small form factor and high reliability of on–chip
integration makes the Motorola MAP sensor a logical and economical choice for
automotive system designers.
The MPX4101A/MPXA4101A/MPXH6101A series piezoresistive transducer is a
state–of–the–art, monolithic, signal conditioned, silicon pressure sensor. This sensor
combines advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal that is
proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure
sensor chip.
Features
• 1.72% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute
Pressure Sensing in Engine Control Systems
• Temperature Compensated Over –40°C to +125°C
• Durable Epoxy Unibody Element or Thermoplastic (PPS) Surface Mount Package
Application Examples
• Manifold Sensing for Automotive Systems
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
• Also Ideal for Non–Automotive Applications
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX4101A
MPXA4101A
MPXH6101A
SERIES
INTEGRATED
PRESSURE SENSOR
15 to 102 kPa
(2.18 to 14.8 psi)
0.25 to 4.95 V Output
MPX4101A
CASE 867
UNIBODY PACKAGE
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
SMALL OUTLINE
PACKAGE
MPXA4101AC6U
CASE 482A
PIN NUMBER
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
NOTE: Pins 1, 5, 6, 7, and 8 are not
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPXH6101A6T1
CASE 1317
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is denoted by the
chamfered corner of the package.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
SUPER SMALL OUTLINE
PACKAGE
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com