Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 224 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 224 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 220Page - Motorola, Inc MPX2102AP Datasheet HTML 221Page - Motorola, Inc MPX2102AP Datasheet HTML 222Page - Motorola, Inc MPX2102AP Datasheet HTML 223Page - Motorola, Inc MPX2102AP Datasheet HTML 224Page - Motorola, Inc MPX2102AP Datasheet HTML 225Page - Motorola, Inc MPX2102AP Datasheet HTML 226Page - Motorola, Inc MPX2102AP Datasheet HTML 227Page - Motorola, Inc MPX2102AP Datasheet HTML 228Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 670 page
background image
MPX4105A SERIES
3–78
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPX4105A)
Nominal Transfer Value: Vout = VS (P x 0.01 – 0.09)
+/– (Pressure Error x Temp. Factor x 0.01 x VS)
VS = 5.1 V ± 0.25 Vdc
Temperature Error Band
MPX4105A Series
Break Points
Temp
Multiplier
– 40
3.0
– 20
1.5
0 to 85
1.0
125
2.5
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from –40
°C to –20°C, –20°C to 0°C, and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
20
40
60
80
100
120
Pressure (in kPa)
Pressure
Error (Max)
40 to 94 (kPa)
± 1.5 (kPa)
15 (kPa)
± 2.4 (kPa)
105 (kPa)
± 1.8 (kPa)
ORDERING INFORMATION — UNIBODY PACKAGE
Device Type
Options
Case No
MPX Series Order No
Marking
Device Type
Options
Case No.
MPX Series Order No.
Marking
Basic Element
Absolute Element
867
MPX4105A
MPX4105A
Basic Element
Absolute, Element
867
MPX4105A
MPX4105A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com