Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 263 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 263 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 259Page - Motorola, Inc MPX2102AP Datasheet HTML 260Page - Motorola, Inc MPX2102AP Datasheet HTML 261Page - Motorola, Inc MPX2102AP Datasheet HTML 262Page - Motorola, Inc MPX2102AP Datasheet HTML 263Page - Motorola, Inc MPX2102AP Datasheet HTML 264Page - Motorola, Inc MPX2102AP Datasheet HTML 265Page - Motorola, Inc MPX2102AP Datasheet HTML 266Page - Motorola, Inc MPX2102AP Datasheet HTML 267Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 670 page
background image
MPX53 MPXV53GC SERIES
3–117
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola pres-
sure sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX53D
344
Stainless Steel Cap
MPX53DP
344C
Side with Port Marking
MPX53GP
344B
Side with Port Attached
MPXV53GC series
482A, 482C
Sides with Port Attached
ORDERING INFORMATION – UNIBODY PACKAGE
MPX53 series pressure sensors are available in differential and gauge configurations. Devices are available with basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344
MPX53D
MPX53D
Ported Elements
Differential
Case 344C
MPX53DP
MPX53DP
Gauge
Case 344B
MPX53GP
MPX53GP
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
The MPXV53GC series pressure sensors are available with a pressure port, surface mount or DIP leadforms, and two packing
options.
Device Order No.
Case No.
Packing Options
Marking
MPXV53GC6T1
482A
Tape & Rail
MPXV53G
MPXV53GC6U
482A
Rails
MPXV53G
MPXV53GC7U
482C
Rails
MPXV53G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com