Electronic Components Datasheet Search
  English  ▼

X  

MPX2102AP Datasheet(PDF) 272 Page - Motorola, Inc

Part # MPX2102AP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102AP Datasheet(HTML) 272 Page - Motorola, Inc

Back Button MPX2102AP Datasheet HTML 268Page - Motorola, Inc MPX2102AP Datasheet HTML 269Page - Motorola, Inc MPX2102AP Datasheet HTML 270Page - Motorola, Inc MPX2102AP Datasheet HTML 271Page - Motorola, Inc MPX2102AP Datasheet HTML 272Page - Motorola, Inc MPX2102AP Datasheet HTML 273Page - Motorola, Inc MPX2102AP Datasheet HTML 274Page - Motorola, Inc MPX2102AP Datasheet HTML 275Page - Motorola, Inc MPX2102AP Datasheet HTML 276Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 670 page
background image
3–126
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX5999D piezoresistive transducer is a state–of–the–art pressure sensor
designed for a wide range of applications, but particularly for those employing a
microcontroller or microprocessor with A/D inputs. This patented, single element
transducer combines advanced micromachining techniques, thin–film metallization and
bipolar semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on the stand–alone
sensing chip.
Features
• Temperature Compensated Over 0 to 85°C
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
INTEGRATED PRESSURE
SENSOR
0 to 1000 kPa (0 to 150 psi)
0.2 to 4.7 V OUTPUT
PIN NUMBER
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
MPX5999D
MPX5999D
CASE 867
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com