Electronic Components Datasheet Search
  English  ▼

X  

MCH21 Datasheet(PDF) 2 Page - Rohm

Part # MCH21
Description  2012(0805)Size chip capacitors : MCH21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH21 Datasheet(HTML) 2 Page - Rohm

  MCH21 Datasheet HTML 1Page - Rohm MCH21 Datasheet HTML 2Page - Rohm MCH21 Datasheet HTML 3Page - Rohm MCH21 Datasheet HTML 4Page - Rohm MCH21 Datasheet HTML 5Page - Rohm MCH21 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2012(0805)Size chip capacitors : MCH21
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
Range of thermal compensation capacitors
Range of high dielectric constant capacitors
High dielectric constant capacitors
Thermal compensation capacitors
Miniature, high capacitance
Achieved high capacitance by thin and multi layer technology
Lead-free plating terminal
No polarity
●
●
●
●
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Packing style code
K
, P
MCH21
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.85
±0.1
3,900
∼5,600
J
(±5%)
E12
0.6
±0.10
2,700
∼3,300
1,25
±0.1
6,800
∼10,000
×2
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Packing style code
K
, P
MCH21
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
Z
(+80%,−20%)
E3
1,25
±0.2
16V
1,000,000
∼4,700,000
50V
0.6
±0.1
10,000
∼100,000
10V
10,000,000
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Packing style code
K
, P
MCH21
Capacitance tolerance
Nominal capacitance series
CN
(R)
(B)
(X7R)Characteristic
CN
(X5R)Characteristic
E6
0.6
±0.1
1,000
∼
47,000
0.85
±0.15
68,000
 
10,000
50V
25V
150,000
∼
220,000
16V
330,000
∼
1,000,000
10V
1,500,000
∼
2,200,000
10V
3,300,000
∼
4,700,000
6.3V
10,000,000
M
(±20%)
K
(±10%)
1.25
±0.2
Rated voltage
Part No.
M C H 2
8
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
1
3
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 5
Code
K
P
Prduct thickness
0.6、0.85mm
1.25mm
Reel
φ180mm(7in.)
φ180mm(7in.)
Basic ordering unit(pcs.)
4,000
2,000
Z K
6.3V
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±5%(11pF or more)
±10%
±20%
+80%, −20%
Tolerance
J
K
M
Z
N
Reel(φ180mm):compatible with EIAJ ET-7200A
0.2Min.
0.6Min.
2.0
±0.2
T
1.25
±0.2
Product thickness(mm)
T
0.6
±0.1
0.85
±0.1
1.25
±0.1
1.25
±0.2
Packing specification
Paper tape(width 8mm, pitch 4mm)
Pulastic tape(width 8mm, pitch 4mm)
3-digit
designation
accordijg
to IEC
Nominal
capacitance
Temperature
Rated voltage(V)
Tolerance
A
・AN(CG)
(COG)
(CH)Characteristic
25V
Product No.
MCH215A
(AN)272JK
MCH215A
(AN)332JK
MCH215A
(AN)392JK
MCH215A
(AN)472JK
MCH215A
(AN)562JK
MCH215A
(AN)682JP
MCH215A
(AN)822JP
MCH215A
(AN)103JP
J
(±5%)
Product thickness(mm)
0.6
±0.1
0.85
±0.1
1.25
±0.1
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
Capacitance
(pF)
Temperature
Rated voltage(V)
Tolerance
CN
(R)
(B)
(X7R)Characteristic
CN
(X5R)Characteristic
50V
Product No.
25V
Product No.
16V
Product No.
10V
Product No.
10V
Product No.
6.3V
Product No.
MCH215CN102KK
MCH215CN152KK
MCH215CN222KK
MCH215CN332KK
MCH215CN472KK
MCH215CN682KK
MCH215CN103KK
MCH215CN153KK
MCH215CN223KK
MCH215CN333KK
MCH215CN473KK
MCH215CN683KK
MCH215CN104KP
MCH212CN154KP
MCH212CN224KP
MCH213CN334KP
MCH213CN474KP
MCH213CN684KP
MCH213CN105KP
MCH214CN155KP
MCH214CN225KP
MCH214CN335KP
MCH214CN475KP
MCH218CN106MP
K
(±10%)
M
(±20%)
Product thickness(mm)
0.6
±0.1
0.85
±0.15
1.25
±0.2
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
10,000,000
Capacitance
(pF)
Temperature
Rated voltage(V)
Tolerance
50V
Product No.
10V
Product No.
FN
(F)
(Y5V)Characteristic
MCH215FN103ZK
MCH215FN223ZK
MCH215FN473ZK
MCH215FN104ZK
16V
Product No.
MCH213FN105ZP
MCH213FN225ZP
MCH213FN475ZP
MCH214FN106ZP
Z
(+80%,
−20%)
Product thickness(mm)
0.6
±0.1
1.25
±0.2
10,000
22,000
47,000
100,000
1,000,000
2,200,000
4,700,000
10,000,000
Capacitance
(pF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com