Electronic Components Datasheet Search
  English  ▼

X  

ML614 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ML614
Description  Coin Type Rechargeable Lithium Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ML614 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ML614 Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANYO Energy (Europe) Corporate GmbH
Stahlgruberring 4, D-81829 München
Tel +49 (0) 89-460095-0 Fax -190
www.sanyo-energy-europe.com
Specifications subject to change without notice !
Specification of ML614
Coin Type Rechargeable
Lithium Battery (ML-Series)
Nominal Voltage
3 V
Nominal Capacity
2.3 mAh
Nominal capacity is determined to an end voltage of 2.0V
when the battery is allowed to discharge at a standard
current level at 23°C
Standard Charge/
Discharge Current
0.015 mA
Max. Discharge Current
0.3 mA
Current value is determined so that 50% of the nominal
capacity is obtained with an end voltage of 2.0V at 23°C
End Voltage
2.0 V
Charge/Discharge Cycle
Characteristics
3000 cycles (discharge depth of 5%)
300 cycles (discharge depth of 20%)
3.1±0.15V
Charging Method
(Constant Voltage Charge)
2.95±0.15V
Charge at high temperature or continuously
Weight
0.16 g
Height
1.4 mm
Dimensions
Diameter
6.8 mm
Dimensions
Size without shrinktube:
D = 6.8 max
H = 1.4 max
(unit: mm)
Can material:
Negative cap:
stainless steel
Positive can:
stainless steel
Battery material:
Cathode:
Manganese dioxide
Anode:
Li-Al alloy
Electrolyte:
Organic electrolyte
Chemical reaction:
Anode reaction:
(Li-Al) <=> Al + Li
+ + e-
Cathode reaction:
Mn
IVO
2 + Li
+ + e- <=> MnIIIO
2 (Li
+)
Overall battery reaction:
Mn
IVO
2 + (Li-Al) <=> Mn
IIIO
2 (Li
+) + Al


Similar Part No. - ML614

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML614 PANASONICBATTERY-ML614 Datasheet
39Kb / 1P
Manganese Lithium Coin Batteries
logo
Panasonic Semiconductor
ML614S PANASONIC-ML614S Datasheet
30Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
ML614S PANASONIC-ML614S Datasheet
31Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
More results

Similar Description - ML614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2032H ETC1-CR2032H Datasheet
495Kb / 1P
Coin Type Lithium Manganese Dioxide Battery
logo
Power Sonic Corporation
PSL-12500 POWER-SONIC-PSL-12500 Datasheet
2Mb / 2P
Rechargeable Lithium Battery
PSL-BTP-12500 POWER-SONIC-PSL-BTP-12500 Datasheet
911Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-12750 POWER-SONIC-PSL-BTP-12750 Datasheet
831Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-122000 POWER-SONIC-PSL-BTP-122000 Datasheet
942Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-241000 POWER-SONIC-PSL-BTP-241000 Datasheet
944Kb / 2P
Rechargeable Lithium Battery
PSL-SC-1290 POWER-SONIC-PSL-SC-1290 Datasheet
771Kb / 2P
Rechargeable Lithium Battery
PSL-SC-12100 POWER-SONIC-PSL-SC-12100 Datasheet
683Kb / 2P
Rechargeable Lithium Battery
PSL-SC-12120 POWER-SONIC-PSL-SC-12120 Datasheet
717Kb / 2P
Rechargeable Lithium Battery
logo
Panasonic Battery Group
CTL621F PANASONICBATTERY-CTL621F Datasheet
435Kb / 2P
Coin-type Cobalt Titanium Rechargeable Lithium Batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com