Electronic Components Datasheet Search
  English  ▼

X  

MPC9855 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9855
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9855 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9855 Datasheet HTML 1Page - Motorola, Inc MPC9855 Datasheet HTML 2Page - Motorola, Inc MPC9855 Datasheet HTML 3Page - Motorola, Inc MPC9855 Datasheet HTML 4Page - Motorola, Inc MPC9855 Datasheet HTML 5Page - Motorola, Inc MPC9855 Datasheet HTML 6Page - Motorola, Inc MPC9855 Datasheet HTML 7Page - Motorola, Inc MPC9855 Datasheet HTML 8Page - Motorola, Inc MPC9855 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Timing Solutions
Freescale Semiconductor
3
MPC9855
Table 1. Pin Configurations
Pin
I/O
Type
Function
Supply
Active/State
CLK
Input
LVCMOS PLL reference clock input (pull-down)
VDD
—
PCLK, PCLK
Input
LVPECL PLL reference clock input
(PCLK — pull-down, PCLK — pull-up and pull-down)
VDD
—
QA0, QA1,
QA2, QA3
QB0, QB1,
QB2, QB3
Output
LVCMOS Clock Outputs
VDDOA
—
REF_OUT0
REF_OUT1
Output
LVCMOS Reference Output (25 MHz or 33 MHz)
VDD
—
XTAL_IN
Input
LVCMOS Crystal Oscillator Input Pin
VDD
—
XTAL_OUT
Output
LVCMOS Crystal Oscillator Output Pin
VDD
—
CLK_SEL
Input
LVCMOS Select between CLK and PCLK input (pull-down)
VDD
High
XTAL_SEL
Input
LVCMOS Select between External Input and Crystal Oscillator Input
(pull-down)
VDD
High
REF_33 MHz
Input
LVCMOS Selects 33MHz input (pull-down)
VDD
High
REF_OUT1_E
Input
LVCMOS Enables REF_OUT! output (pull-down)
VDD
High
MR
Input
LVCMOS Master Reset (pull-up)
VDD
Low
PLL_BYPASS
Input
LVCMOS Select PLL or static test mode (pull-up)
VDD
High
CLK_A[0:5](1)
1. Power PC bit ordering (bit 0 = msb, bit 5 = lsb).
Input
LVCMOS Configures Bank A clock output frequency (pull-up)
VDD
—
CLK_B[0:5]1
Input
LVCMOS Configures Bank B clock output frequency (pull-up)
VDD
—
VDD
—
—
3.3 V Supply
—
—
VDDA
—
—
Analog Supply
—
—
VDDOA
—
—
Output Supply — Bank A
—
—
VDDOB
—
—
Output Supply — Bank B
—
—
GND
—
—
Ground
—
—
Table 2. Function Table
Control
Default
0
1
CLK_SEL
0
CLK
PCLK
XTAL_SEL
0
CLKx
XTAL
PLL_BYPASS
0
Normal
Bypass
REF_OUT1_E
0
Disables REF_OUT1
Enables REF_OUT1
REF_33 MHz
0
Selects 25 MHz Reference
Selects 33 MHz Reference
MR
1
Reset
Normal
CLK_A and CLK_B control output frequencies. Refer to Table 3 for specific device configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com