Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9538
Description  8-bit I2C and SMBus low power I/O port with interrupt and reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9538 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9538 Datasheet HTML 1Page - NXP Semiconductors PCA9538 Datasheet HTML 2Page - NXP Semiconductors PCA9538 Datasheet HTML 3Page - NXP Semiconductors PCA9538 Datasheet HTML 4Page - NXP Semiconductors PCA9538 Datasheet HTML 5Page - NXP Semiconductors PCA9538 Datasheet HTML 6Page - NXP Semiconductors PCA9538 Datasheet HTML 7Page - NXP Semiconductors PCA9538 Datasheet HTML 8Page - NXP Semiconductors PCA9538 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9538
8-bit I2C and SMBus low power I/O port
with interrupt and reset
2004 Oct 05
3
PIN CONFIGURATION — SO, TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SW02172
A0
A1
RESET
I/O0
I/O1
I/O2
I/O3
VSS
VDD
SDA
SCL
INT
I/O7
I/O6
I/O5
I/O4
Figure 1. Pin configuration — SO, TSSOP
PIN CONFIGURATION — HVQFN
12
11
10
9
1
2
3
4
SW02173
TOP VIEW
I/O0
I/O1
I/O2
I/O3
I/O4
VSS
I/O5
INT
I/O6
I/O7
SDA
VDD
A0
A1
SCL
RESET
Figure 2. Pin Configuration — HVQFN
PIN DESCRIPTION
SO, TSSOP
PIN NUMBER
HVQFN
PIN NUMBER
SYMBOL
FUNCTION
1
15
A0
Address input 0
2
16
A1
Address input 1
3
1
RESET
Active LOW reset input
4–7
2–5
I/O0–3
I/O0 to I/O3
8
6
VSS
Supply ground
9–12
7–10
I/O4–7
I/O4 to I/O7
13
11
INT
Interrupt output (open drain)
14
12
SCL
Serial clock line
15
13
SDA
Serial data line
16
14
VDD
Supply voltage
BLOCK DIAGRAM
POWER-ON
RESET
INPUT
FILTER
I2C/SMBUS
CONTROL
INPUT/
OUTPUT
PORTS
WRITE pulse
READ pulse
A0
A1
SCL
SDA
VDD
VSS
8-BIT
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
SW02174
NOTE: ALL I/Os ARE SET TO INPUTS AT RESET
VCC
INT
LP
FILTER
RESET
PCA9538
Figure 3. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com