Electronic Components Datasheet Search
  English  ▼

X  

2SC3303-Y Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3303-Y
Description  5A , 100V NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3303-Y Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3303-Y Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
2SC3303
5A , 100V
NPN Epitaxial Planar Silicon Transistor
20-Aug-2014 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
A
C
D
H
G E
F
K
B
J
P
M
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector-to-Emitter Saturation Voltage
Excllent Linearity of hFE
High fT
Fast Switching Time
CLASSIFICATION OF hFE
Product-Rank
2SC3303-O
2SC3303-Y
Range
70~140
120~240
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
7
V
Collector Current -Continuous
IC
5
A
Collector Power Dissipation
PC
1
W
Thermal Resistance From Junction to Ambient
RθJA
125
°C / W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
100
-
-
V
IC=100µA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
80
-
-
V
IC=10mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
7
-
-
V
IE=100µA, IC=0
Collector cut-off current
ICBO
-
-
1
µA
VCB=100V, IE=0
Emitter cut-off current
IEBO
-
-
1
µA
VEB=7V, IC=0
70
-
240
VCE=1V, IC=1A
DC current gain
hFE
40
-
-
VCE=1V, IC=3A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.4
V
IC=3A, IB=150mA
Base -emitter saturation voltage
VBE(sat)
-
-
1.2
V
IC=3A, IB=150mA
Transition frequency
fT
-
20
-
MHz
VCE=4V, IC=1A
Collector Output Capacitance
COB
-
80
-
pF
VCB=10V, IE=0, f=1MHz
TO-251
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.80
G
5.40
6.25
B
4.90
5.50
H
0.85
1.50
C
2.15
2.40
J
2.30
D
0.43
0.90
K
0.60
1.05
E
6.50
7.50
M
0.50
0.90
F
7.20
9.65
P
0.43
0.62


Similar Part No. - 2SC3303-Y

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC3303-Y MCC-2SC3303-Y Datasheet
438Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3303-Y

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC6081 SANYO-2SC6081 Datasheet
47Kb / 4P
NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060_12 Datasheet
300Kb / 4P
NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com