Electronic Components Datasheet Search
  English  ▼

X  

PI5A121 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A121
Description  Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A121 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A121 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A121 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8203G
10/19/04
PI5A121/PI5A122/PI5A124
Wide Bandwidth Analog Switch
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp(ºC) Min.(1) Typ.(2) Max.(1) Units
Logic Input
Input High Voltage
VIH
Guaranteed logic High Level
Full
2
V
Input Low Voltage
VIL
Guaranteed logic Low Level
0.8
Input Current with Voltage
High
IINH
VIN = 2.4V, all others = 0.8V
-1
0.005
1
µA
Input Current with Voltage
Low
IINL
VIN = 0.8V, all others = 2.4V
-1
0.005
1
Dynamic
Turn-On Time
tON
VCC = 5V, Figure 1
25
7
15
ns
Full
20
Turn-Off Time
tOFF
25
1
7
Full
10
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 2
25
1.6
10
pC
Off Isolation
OIRR
RL = 50Ω, CL = 5pF,
f = 10MHz, Figure 3
-43
dB
Crosstalk(8)
XTALK
RL = 50Ω, CL = 5pF,
f = 10MHz, Figure 4
-43
NC or NO Capacitance
C(OFF)
f = 1kHz, Figure 5
5.5
pF
COM Off Capacitance
CCOM(OFF)
5.5
COM On Capacitance
CCOM(ON) f = 1kHz, Figure 6
13
-3dB Bandwidth
BW
RL = 50Ω, Figure 7
Full
326
MHz
Supply
Power-Supply Range
V+
Full
2
6
V
Positve Supply Current
I+
VCC = 5.5V, VIN = 0V or V+
1
µA
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4. ∆RON = RON max - RON min
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 3.
8. Between any two switches. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com