Electronic Components Datasheet Search
  English  ▼

X  

BCP882H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP882H
Description  3A , 70 V NPN Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP882H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP882H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP882H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP882H
3A , 70 V
NPN Plastic-Encapsulate Transistor
23-Aug-2017 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package.
High DC Current Gain
Low VCE(sat)
MARKING
CLASSIFICATION OF hFE
Rank
BCP882H-Y
Range
160~320
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
70
V
Collector to Emitter Voltage
VCEO
70
V
Emitter to Base Voltage
VEBO
6
V
Continuous Collector Current
IC
3
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance Junction to Ambient
RθJA
250
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
70
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
70
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
µA
VCB=40V, IE=0
Collector cut-off current
ICEO
-
-
10
µA
VCE=30V, IB=0
Emitter Cut-Off Current
IEBO
-
-
1
µA
VEB=6V, IC=0
DC Current Gain
hFE
160
-
320
VCE=2V, IC=1A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=2A, IB=0.2A
Base to emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=2A, IB=0.2A
Transition Frequency
fT
-
50
-
MHz
VCE=5V, IC=0.1A, f=10MHz
SOT-89
D882H
1. Base
2. Collector
3. Emitter


Similar Part No. - BCP882H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882H SECOS-BCP882H_15 Datasheet
84Kb / 1P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - BCP882H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
BCP882J SECOS-BCP882J Datasheet
549Kb / 2P
3A , 40V P Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com