Electronic Components Datasheet Search
  English  ▼

X  

PI5A124 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5A124
Description  Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A124 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5A124 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A124 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8203G
10/19/04
PI5A121/PI5A122/PI5A124
Wide Bandwidth Analog Switch
Test Circuits/Timing Diagrams (continued)
Figure 3. Off Isolation
Figure 5. Channel-Off Capacitance
Figure 4. Crosstalk (124 only)
Figure 6. Channel-On Capacitance
Figure 7. Bandwidth
V+
+5V
NC
Capacitance
Meter
GND
COM
10nF
IN
2.4V
f = 1kHz
V+
+5V
NC
Capacitance
Meter
GND
COM
10nF
IN
0V
f = 1MHz
V+
GND
NC or
NO
10nF
COM
+5V
Vo
Rg = 50ohm
RL
50ohm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com