Electronic Components Datasheet Search
  English  ▼

X  

PI5A121TX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A121TX
Description  Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A121TX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A121TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A121TX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8203G
10/19/04
PI5A121/PI5A122/PI5A124
Wide Bandwidth Analog Switch
Electrical Specifications - Single +3.3V Supply
(V+ = +3.3V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp.(ºC) Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Signal Range(3)
VANALOG
0
V+
V
On-Resistance
RON
V+ = 3V, ICOM = -30mA,VNO or
VNC = 1.5V
25
12
18
Ω
Full
22
On-Resistance Match
Between Channels(4)
∆RON
V+ = 3.3V, ICOM = -30mA,
VNO or VNC = 0.8V, 2.5V
25
1
1
Full
2
On-Resistance Flat-
ness(3,5)
RFLAT(ON)
25
0.5
4
Full
5
Dynamic
Turn-On Time
tON
V+ = 3.3V,
VNO or VNC = 1.5V,
Figure 1
25
15
25
ns
Full
40
Turn-Off Time
tOFF
25
1.5
12
Full
20
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0V, Figure 2
25
1.3
10
pC
Supply
Positve Supply Current
I+
V+ = 3.6V, VIN = 0V or V+ All
Channels on or off
Full
1
µA
Logic Input
Input High Voltage
VIH
Guaranteed logic high level
Full
2
V
Input Low Voltage
VIL
Guaranteed logic low level
Full
0.8
Input High Current
IINH
VIN = 2.4V, all others = 0.8V
Full
-1
1
µA
Input Low Current
IINL
VIN = 0.8V, all others = 2.4V
Full
-1
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com