Electronic Components Datasheet Search
  English  ▼

X  

PI74AVC16345 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16345
Description  2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16345 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16345 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16345 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PI74AVC+16345
2.5V, Registered 1-Bit to 4-Bit Address
Driverwith3-StateOutputs
2
PS8442A
08/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
t
u
p
n
Is
t
u
p
t
u
O
x
E
CE
OK
L
Cx
Dx
Q
x
HL
X
X
0
B
XL
L
X
0
B
LL
↑
LL
LL
↑
HH
XH
X
X
Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
CE1
1Q1
2Q1
GND
3Q1
4Q1
VCC
D1
1Q2
2Q2
GND
3Q2
4Q2
D2
D3
1Q3
2Q3
GND
3Q3
4Q3
D4
VCC
1Q4
2Q4
GND
3Q4
4Q4
CLK
CE2
1Q8
2Q8
GND
3Q8
4Q8
VCC
D8
1Q7
2Q7
GND
3Q7
4Q7
D7
D6
1Q6
2Q6
GND
3Q6
4Q6
D5
VCC
1Q5
2Q5
GND
3Q5
4Q5
OE
PinDescription
TruthTable(1)
Note:
1. H = High Signal Level
L = Low Signal Level
X = Irrelevant
Z = High Impedance
↑ = LOW-to-HIGHTransition
B0 = Previous State
PinConfiguration
56-Pin
A,K
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
E
O)
W
O
L
e
v
it
c
A
(
st
u
p
n
I
el
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
K
L
Ct
u
p
n
I
k
c
o
l
C
E
C X
)
w
o
L
e
v
it
c
A
(
st
u
p
n
I
el
b
a
n
E
k
c
o
l
C
DX
st
u
p
n
I
a
t
a
D
X
QX
st
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
VCC
r
e
w
o
P



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com