Electronic Components Datasheet Search
  English  ▼

X  

PSG11 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSG11
Description  RECORD 5 TUNES/KEY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSG11 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSG11 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECORD
15 鍵電子琴
5 TUNES/KEY
可錄音, 15 首歌
1/1
2001-09-12
PIANO
PSG11
FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• Built-in 15 up to tunes.
• Recording up to 48 notes.
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Musical instrument, Keyboard etc..
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @VDD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
VDD
2
3
3.5
V
工作電流 Operating Current
IOP
―
0.2
0.6
mA
No load
靜態電流 Quiescent Current
ISB
―
―
10
μA
推動電流 OUT Driving Current
IO
1
―
―
mA
@ VDS=1V
振盪頻率 Oscillator Frequency
FOSC
―
100
―
KHz
External±30%, Rosc=300KΩ
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
1
HUSH LITTLE BABY
2
LITTLE STAR
3
LONDON BRIDGE
4
DREAM OF HOME AND MOTHER
5
CHRISTMAS CAROL
6
ARE YOU SLEEPING
7
THE FARMAER IN THE DELL
8
IN A PERSIAN MARKET
9
A LITTLE LAMB
10
LONG LONG AGO
11
SANTA LUCIA
12
LITTLE BROWN JUG
13
BUTTERFLY
14
THE TRAIN IS RUNNING FAST
15
CLOSE ENCOUNTERS OF THIRD KIND
13
14
15
12
11
10
9
7
8
6
5
4
3
2
1
G3
A3
B3 C4 D4
E4 F4 G4
A4
C5
B4
D5
E5 F5 G5
ENV
C4
C3
R4
R3
R2
R1
VSS
C1
VDD
OUT
T2
TEST
C2
RST
SEL
X
Y
PSG11
3.6 x 3.3mm
2
底
底
底
底=VDD
C4
C3
C2
C1
VSS
Y
X
ENV
RST
SEL
DEMO
VDD
PSG11P
OUT
RECORD
Rosc
REPLAY
G5
F5
E5
D5
C5
B4
A4
G4
F4
E4
D4
C4
B3
A3
G3
R4
R3
R2
R1
VDD
1
18
9
10
TEL : 0755-25636777
FAX : 0755-25622955


Similar Part No. - PSG11

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PSG100E12SM EATON-PSG100E12SM Datasheet
939Kb / 19P
General-Purpose and Sensor Power Supplies
1/16/14
PSG120E EATON-PSG120E Datasheet
939Kb / 19P
General-Purpose and Sensor Power Supplies
1/16/14
PSG120E24RM EATON-PSG120E24RM Datasheet
939Kb / 19P
General-Purpose and Sensor Power Supplies
1/16/14
PSG15E12SP EATON-PSG15E12SP Datasheet
939Kb / 19P
General-Purpose and Sensor Power Supplies
1/16/14
More results

Similar Description - PSG11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3235W SANYO-LA3235W Datasheet
352Kb / 13P
1.5 V Record Preamplifier
logo
List of Unclassifed Man...
M948B ETC-M948B Datasheet
140Kb / 3P
768 NOTES 1 KEY 24 TUNES
MC88A ETC1-MC88A Datasheet
99Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
M948A ETC1-M948A Datasheet
125Kb / 3P
768 NOTES 1 KEY 24 TUNES
logo
Ultralife Corporation.
CP243238 ULTRALIFE-CP243238 Datasheet
448Kb / 3P
Electronics record tracking systems
30 JAN 18Rev: A
CP301030 ULTRALIFE-CP301030 Datasheet
570Kb / 2P
Electronics record tracking systems
01 JUN 21 Rev: -
CP301322 ULTRALIFE-CP301322 Datasheet
512Kb / 2P
Electronics record tracking systems
16 JUN 21 Rev: -
logo
MOSDESIGN SEMICONDUCTOR...
M12-1 MOSDESIGN-M12-1 Datasheet
106Kb / 1P
12 KEYS PIANO 8/12 DEMO TUNES
2001-09-12
M12 MOSDESIGN-M12 Datasheet
22Kb / 1P
12 KEYS PIANO 8/12 DEMO TUNES
2004-03-04
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com