Electronic Components Datasheet Search
  English  ▼

X  

PS393 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS393
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS393 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS393 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS393 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PS8168E
09/16/02
TopView
Features
• Low On-Resistance, (16
−ohms typ)
Minimizes Distortion and Error Voltages
• On-Resistance Match Between Channels, <2 ohms
• Guaranteed On-Resistance Flatness, <4 ohms
• Low Charge Injection, 3pC typ.
• Improved Leakage Over Temperature, <2.5nA at +85oC
• ESD Rating >2000V per Method 3015.7
• Single-Supply Operation (+3V to +15V)
• Bipolar-Supply Operation (±3V to ±8V)
• Low Power Consumption, <1µA
• TTL/CMOSCompatible
Description
The PS391/ PS392/ PS393 are improved, quad, single-pole single-
throw (SPST) analog switches designed to operate with ±3V to ±8V
power supplies or a single 3V to 15V supply. The PS391 has four
normally closed (NC) switches, the PS392 has four normally open
(NO) switches. The PS393 has two NO and two NC switches. All
three devices offer low leakage (<2pA typ) and fast switching
speeds (tON<130ns).Powerconsumptionislessthan1µA,idealfor
battery-powered equipment.
With ±5V supplies, the PS391/PS392/PS393 guarantee <2ohm
channel-to-channel matching, <30ohm on-resistance (RON), and
<4ohm RON flatness over the specified range.
These switches are fully specified for single +5V operation, with
<2ohm RON match, <45ohm RON, and <4ohm flatness.
For operation below 5V, the PI5A391A/PI5A392A/PI5A393A are
also recommended.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS391/PS392/PS393
Precision, Quad, SPST, Analog Switches
FunctionalDiagrams,PinConfigurations,andTruthTables
N.C. = No Connect.
Switches shown for logic “0” input
TopView
TopView
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NC1
V-
GND
NC4
IN4
COM4
IN2
NC2
V
N.C.
NC3
COM3
IN3
COM2
PS391
+
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NO2
V+
N.C.
NO3
COM3
IN3
COM2
PS392
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
V-
GND
NO4
IN4
COM4
IN2
NC2
V
N.C.
NC3
COM3
IN3
COM2
PS393
+
1
9
3
S
P
c
i
g
o
Lh
c
t
i
w
S
0
1
N
O
F
F
O
3
9
3
S
P
c
i
g
o
L4
,
1
s
e
h
c
t
i
w
S3
,
2
s
e
h
c
t
i
w
S
0
1
F
F
O
N
O
N
O
F
F
O
2
9
3
S
P
c
i
g
o
Lh
c
t
i
w
S
0
1
F
F
O
N
O
Applications
• Instrumentation
• Battery Powered Systems
• Audio Switching
• ±5V Data Acquisition Systems
• Sample-and-Hold Circuits
• Telecommunications Systems


Similar Part No. - PS393

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com