Electronic Components Datasheet Search
  English  ▼

X  

RGF1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RGF1
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGF1 Datasheet(HTML) 1 Page - Vishay Siliconix

  RGF1 Datasheet HTML 1Page - Vishay Siliconix RGF1 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGF1A thru RGF1M
Vishay Semiconductors
formerly General Semiconductor
Document Number 88697
www.vishay.com
08-Feb-02
1
Surface Mount Glass Passivated Junction
Fast Switching Rectifier
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Patented*
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
DO-214BA (GF1)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideal for surface mount automotive applications
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of MIL-S-19500
• Built-in strain relief • Easy pick and place
• Fast switching for high efficiency
• High temperature soldering guaranteed:
450°C/5 seconds at terminals.
• Complete device submersible temperature of 265°C for
10 seconds in solder bath
Mechanical Data
Case: JEDEC DO-214BA, molded plastic over glass body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0048 oz, 0.12 g
Packaging codes/options:
19/6.5K per 13” Reel (12mm Tape)
17/1.5K per 7” Reel (12mm Tape)
Dimensions in inches and (millimeters)
Glass-plastic encapsulation technique is covered by Patent
No. 3,996,602, brazed-lead assembly by Patent No.
3,930,306 and lead forming by Patent No. 5,151,846
0.094 MAX.
(2.38 MAX.)
0.220
(5.58) REF
0.066 MIN.
(1.68 MIN.)
0.052 MIN.
(1.32 MIN.)
Mounting Pad Layout
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol RGF1A RGF1B RGF1D RGF1G RGF1J RGF1K RGF1M
Unit
Device marking code
RA
RB
RD
RG
RJ
RK
RM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 120°CIF(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method)
Max. full load reverse current, full cycle average TA = 55°CIR(AV)
50
µA
Typical thermal resistance(1)
R
ΘJA
80
°C/W
R
ΘJL
28
Operating junction and storage temperature range
TJ,TSTG
–65 to +175
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol RGF1A RGF1B RGF1D RGF1G RGF1J RGF1K RGF1M
Unit
Maximum instantaneous forward voltage at 1.0A
VF
1.30
V
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA = 125°C
100
Typical reverse recovery time at
trr
150
250
500
ns
IF = 0.5A, IR = 1.0A, Irr = 0.25 A
Typical junction capacitance at 4.0V, 1MHz
CJ
8.5
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
®


Similar Part No. - RGF1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF10A ZOWIE-RGF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10AH ZOWIE-RGF10AH Datasheet
104Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10B ZOWIE-RGF10B Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10BH ZOWIE-RGF10BH Datasheet
104Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10D ZOWIE-RGF10D Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Apr-08
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
Surface-Mount Glass Passivated Junction Fast Switching Rectifier
17-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com