Electronic Components Datasheet Search
  English  ▼

X  

MPX2200GP Datasheet(PDF) 32 Page - Motorola, Inc

Part # MPX2200GP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200GP Datasheet(HTML) 32 Page - Motorola, Inc

Back Button MPX2200GP Datasheet HTML 28Page - Motorola, Inc MPX2200GP Datasheet HTML 29Page - Motorola, Inc MPX2200GP Datasheet HTML 30Page - Motorola, Inc MPX2200GP Datasheet HTML 31Page - Motorola, Inc MPX2200GP Datasheet HTML 32Page - Motorola, Inc MPX2200GP Datasheet HTML 33Page - Motorola, Inc MPX2200GP Datasheet HTML 34Page - Motorola, Inc MPX2200GP Datasheet HTML 35Page - Motorola, Inc MPX2200GP Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 670 page
background image
1–26
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 13. Photograph of the aqueous alkaline solution test system and the data acquisition system
for
in situ monitoring of the MEMS devices.
LIFETIME MODELING
Reliability techniques provide a means to analyze media
test results and equate the performance to a lifetime
[23–24]. The primary reliability techniques involve an
understanding of the failure rate, life distributions, and
acceleration modeling. The failure rate for a product’s
lifetime follows the bathtub curve. This curve, as shown in
Figure 14, has an early life period with a decreasing failure
rate. Manufacturing defects would be an example of
failures during this portion of the curve. The second portion
of the curve, often described as the useful life region has
a constant failure rate. The last section has an increasing
failure rate and is referred to as the wearout region. This
wearout region would include failure mechanisms such as
corrosion or fatigue.
Figure 14. Bathtub curve showing various failure rate regions.
Product Failure Rate
INFANT MORTALITY
OR EARLY LIFE
FAILURE RATE
END OF LIFE
OR WEAR OUT
FAILURE RATE
Time
STEADY STATE
FAILURE RATE
Lifetime distributions provide a theoretical model to
describe device lifetimes. Common lifetime distributions
include the exponential, Weibull, lognormal, and extreme
value. The exponential distribution models a lifetime with a
constant failure rate An example of the exponential
distribution is a glass which has an equal probability of failing
the moment after it is manufactured, or when its ten years old.
The Weibull and lognormal distribution are all right, or
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com