Electronic Components Datasheet Search
  English  ▼

X  

RX5003 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RX5003
Description  303.825 MHz Hybrid Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5003 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RX5003 Datasheet HTML 1Page - RF Monolithics, Inc RX5003 Datasheet HTML 2Page - RF Monolithics, Inc RX5003 Datasheet HTML 3Page - RF Monolithics, Inc RX5003 Datasheet HTML 4Page - RF Monolithics, Inc RX5003 Datasheet HTML 5Page - RF Monolithics, Inc RX5003 Datasheet HTML 6Page - RF Monolithics, Inc RX5003 Datasheet HTML 7Page - RF Monolithics, Inc RX5003 Datasheet HTML 8Page - RF Monolithics, Inc RX5003 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Electrical Characteristics (typical values given for 3.0 Vdc power supply, 25 oC)
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Receiver Out-of-Band Rejection, ±5% fO
R±5%
380
dB
Receiver Ultimate Rejection
RULT
3
100
dB
Sleep Mode Current
IS
0.7
µA
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Power Supply Voltage Ripple
10
mVP-P
Ambient Operating Temperature
TA
-40
85
oC
Notes:
1. Typical sensitivity data is based on a 10-3 bit error rate (BER), using DC-balanced data. There are two test methods commonly used to
measure OOK/ASK receiver sensitivity, the “100% AM” test method and the “Pulse” test method. Sensitivity data is given for both test meth-
ods. See Appendix 3.8 in the ASH Transceiver Designer’s Guide for the details of each test method, and for sensitivity curves for a 2.2 to
3.7 V supply voltage range at five operating temperatures. The application/test circuit and component values are shown on the next page and
in the Designer’s Guide.
2. At low data rates it is possible to adjust the ASH pulse generator to trade-off some receiver sensitivity for lower operating current. Sensitiv-
ity data and receiver current are given at 2.4 kbps for both high sensitivity operation (RPR = 330 K) and low current operation (RPR = 1100 K).
3. Data is given with the ASH radio matched to a 50 ohm load. Matching component values are given on the next page.
4. See Table 1 on Page 8 for additional information on ASH radio event timing.
S M - 20L P ackag e D r aw i n g
0. 08"
( 2 . 03)
0. 125"
(3 . 2 0 )
0. 02"
(0 . 5 1 )
0. 04"
(1 . 0 2 )
0. 13"
( 3 . 30)
0. 43"
( 10. 9)
0. 38"
( 9 . 65)
0. 075"
(1 . 9 0 )
3
4
5
6
7
9
11
12
13
14
15
16
17
19
A S H T r an scei ver P i n O u t
RF I O
8
2
10
20
1
18
LP F A D J
RRE F
TH L D 2
A G CCA P
PKD E T
BBO U T
CMP I N
RX DA T A
TX MO D
TH L D 1
PR AT E
PW I D T H
G ND1
VC C 1
G ND2
VC C 2
G ND3
CNT R L 0
CNT R L 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com